データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8602WARZ-R7

  • AI
    The **AD8602WARZ-R7** is a high-precision, CMOS, dual-channel operational amplifier manufactured by Analog Devices. It is specifically designed for automotive and industrial applications where low noise and high accuracy are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Input/Output Type** | Rail-to-Rail | | **Supply Voltage Range** | 2.7 V to 5.5 V | | **Gain Bandwidth Product** | 8 MHz | | **Slew Rate** | 6 V/µs | | **Input Offset Voltage** | 500 µV (max) | | **Low Noise** | 22 nV/√Hz @ 1 kHz | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOIC-8 (N-8) | --- ### 2. Nomenclature Breakdown Understanding the part number code: * **AD8602**: The base model number (Dual Precision CMOS Op-Amp). * **W**: Indicates "Automotive Grade" (AEC-Q100 qualified). * **A**: Accuracy/Performance grade. * **R**: Package code (SOIC). * **Z**: Lead-free/RoHS compliant. * **R7**: Packaging format (7-inch reel, usually containing 1,000 units). --- ### 3. Core Features & Advantages #### Rail-to-Rail Performance The device allows the input and output signals to swing very close to the supply rails. This maximizes the dynamic range in low-voltage systems (e.g., 3.3V or 5V logic). #### Automotive Grade (W-Suffix) Being AEC-Q100 qualified, this part is tested for high reliability under extreme thermal conditions and mechanical stress, making it suitable for under-the-hood or safety-critical automotive electronics. #### Low Input Bias Current Because it is a CMOS-based amplifier, it has extremely low input bias current (typically 1 pA). This makes it ideal for buffering high-impedance sensors or photodiode applications. --- ### 4. Common Applications * **Photodiode Amplification:** Due to low bias current. * **Battery-Powered Instrumentation:** Efficient power consumption and low voltage operation. * **Automotive Sensors:** Pressure sensors, position sensors, and temperature monitoring. * **Audio Pre-amplification:** High bandwidth and low noise ensure signal integrity. --- ### 5. Connection Diagram (SOIC-8) ```text SOIC-8 Pinout +-------u-------+ OUT A | 1 8 | V+ -IN A | 2 7 | OUT B +IN A | 3 6 | -IN B V- | 4 5 | +IN B +---------------+ ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8602 and the AD8601?
    • ⤷ How does the 'W' suffix impact the manufacturing and testing process?
    • ⤷ Can this op-amp be used in a single-supply 3.3V circuit?