データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8605ART-R2

  • AI
    ## Overview of the AD8605ART-R2 The **AD8605ART-R2** is a high-precision, low-noise, CMOS operational amplifier (Op-Amp) manufactured by Analog Devices. It is part of a family (AD8605/AD8606/AD8608) known for offering very low offset voltage and wide bandwidth in a compact form factor. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Supply Voltage** | 2.7 V to 5.5 V (Single Supply) | | **Offset Voltage** | 65 μV (Maximum) | | **Bandwidth** | 20 MHz (Gain Bandwidth Product) | | **Slew Rate** | 5 V/μs | | **Input Bias Current** | 1 pA (Typical) | | **Output Type** | Rail-to-Rail Input/Output (RRIO) | | **Package Type** | SOT-23-5 (ART designation) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Functional Features * **Rail-to-Rail Input/Output:** Unlike standard Op-Amps, the AD8605 can handle input and output signals that swing all the way to the positive and negative supply rails. This is critical for low-voltage, battery-powered systems. * **Low Noise:** It features very low voltage noise (8.5 nV/√Hz at 1 kHz), making it suitable for sensitive sensor amplification. * **DigiTrim® Technology:** Analog Devices uses a patented digital trimming technique at the wafer level to achieve its extremely low offset voltage without requiring external nulling. * **High Speed vs. Power:** With a 20 MHz bandwidth, it is fast enough for photodiode amplification and high-speed filters while maintaining a relatively low supply current (approx. 1 mA per amplifier). --- ### 3. Application Use Cases 1. **Photodiode Amplifiers:** Due to its pico-ampere input bias current, it is excellent for converting light-to-voltage in optical sensors. 2. **Battery Powered Instrumentation:** Its low voltage requirements and small footprint make it ideal for portable medical devices (e.g., ECG monitors). 3. **Data Acquisition:** Used as a buffer or filter for high-resolution Analog-to-Digital Converters (ADCs). 4. **Audio Preamps:** Low noise and rail-to-rail capabilities provide high dynamic range for professional audio equipment. --- ### 4. Part Number Breakdown Understanding the suffix `ART-R2`: * **AD8605**: The base model number (Single Op-Amp). * **ART**: Refers to the **SOT-23-5** package type. * **R2**: Indicates the Tape and Reel size (typically a 7-inch reel containing 250 units). ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the AD8605 and the AD8606 models?
    • ⤷ How does the 'DigiTrim' technology benefit precision measurements?
    • ⤷ Can the AD8605 be used with a dual-polarity (+/-) power supply?