データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8607ARM-R2

  • AI
    ## AD8607ARM-R2: Overview and Technical Specifications The **AD8607ARM-R2** is a high-precision, dual-channel, rail-to-rail input and output operational amplifier (op-amp) manufactured by Analog Devices. It is part of a family known for low offset voltage, low input bias current, and low power consumption. --- ### 1. Key Features The AD8607 is designed for applications where accuracy and power efficiency are critical. | Feature | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Input Type** | Rail-to-Rail | | **Output Type** | Rail-to-Rail | | **Supply Voltage (Single)** | 1.8 V to 5.0 V | | **Low Offset Voltage** | 50 µV (Typical) | | **Low Input Bias Current** | 1 pA (Typical) | | **Supply Current** | 40 µA per amplifier | | **Package Type** | MSOP-8 (ARM designation) | --- ### 2. Pin Configuration (MSOP-8) The standard pinout for this dual op-amp follows the industry-standard layout for 8-pin devices. | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **OUT A** | Output of channel A | | 2 | **-IN A** | Inverting input of channel A | | 3 | **+IN A** | Non-inverting input of channel A | | 4 | **V-** | Negative supply / Ground | | 5 | **+IN B** | Non-inverting input of channel B | | 6 | **-IN B** | Inverting input of channel B | | 7 | **OUT B** | Output of channel B | | 8 | **V+** | Positive supply voltage | --- ### 3. Application Use Cases Due to its low power consumption and high precision, the AD8607 is ideal for: * **Battery-Powered Instrumentation:** Low current draw extends battery life. * **Photodiode Amplifiers:** The low input bias current (pA range) is perfect for high-impedance sensors. * **Portable Medical Devices:** Used in ECG or glucose monitors where precision is required at low voltages. * **Sensor Interfaces:** Ideal for signal conditioning in industrial sensors. --- ### 4. Part Number Breakdown: `AD8607ARM-R2` Understanding the suffix helps in sourcing and logistics: * **AD8607**: The core model number. * **ARM**: Indicates the package type (**M**SOP) and temperature range. * **R2**: Refers to the "Reel" size/packaging format (specifically a 7-inch reel containing a specific quantity, usually for automated assembly). --- ### 5. Sample Connection (Voltage Follower) Here is a basic code-like representation of how one might visualize a buffer circuit: ```text (V+) | [Pin 8] | IN ----[Pin 3] (+IN A) | [Pin 1] (OUT A) ---- OUTPUT | | +-------+ (Feedback loop to Pin 2) ```
    ✨ Follow-up Questions
    • ⤷ How does the AD8607 compare to the AD8605 or AD8606?
    • ⤷ What are the specific temperature range ratings for the 'ARM' package?
    • ⤷ Can the AD8607 be used with a split power supply?