データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8610ARM-R2

  • AI
    ## AD8610ARM-R2: High Precision JFET Operational Amplifier The **AD8610ARM-R2** is a high-precision, JFET-input operational amplifier manufactured by Analog Devices. It is widely recognized for its combination of high speed, low noise, and extremely low input bias current. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Type** | JFET | | **Number of Channels** | 1 (Single) | | **Supply Voltage (Dual)** | ±5V to ±13V | | **Supply Voltage (Single)** | 5V to 26V | | **Gain Bandwidth Product** | 25 MHz | | **Slew Rate** | 50 V/µs | | **Input Bias Current** | 10 pA (max) | | **Offset Voltage** | 100 µV (max) | | **Package Type** | MSOP-8 (ARM designation) | --- ### 2. Core Features * **JFET Input Technology:** The use of Junction Field-Effect Transistors at the input stage allows for incredibly low bias currents, making it ideal for high-impedance sensors. * **High Speed:** With a **50 V/µs slew rate** and a **25 MHz bandwidth**, this op-amp can handle fast signals without significant distortion. * **Low Noise:** It features low voltage noise (6 nV/√Hz), which is critical for maintaining signal integrity in precision measurement applications. * **Wide Dynamic Range:** It supports a wide supply range, providing flexibility in both industrial and battery-powered designs. --- ### 3. Pin Configuration (MSOP-8) The "ARM" in the part number refers to the **8-lead MSOP** package. The pinout follows the standard single op-amp configuration: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | NC | No Connection | | 2 | -IN | Inverting Input | | 3 | +IN | Non-inverting Input | | 4 | V- | Negative Supply | | 5 | NC | No Connection | | 6 | OUT | Output | | 7 | V+ | Positive Supply | | 8 | NC | No Connection | --- ### 4. Typical Applications The AD8610ARM-R2 is commonly found in circuits requiring high accuracy and high input impedance: * **Photodiode Amplifiers:** Due to the pico-ampere level bias current. * **Precision Filters:** High-speed active filters where phase accuracy is vital. * **Medical Instrumentation:** Low-noise ECG/EEG signal conditioning. * **Data Acquisition:** Buffering high-resolution Analog-to-Digital Converters (ADCs). --- ### 5. Part Number Breakdown * **AD8610:** The base model number. * **ARM:** Indicates the package type (MSOP-8). * **R2:** Refers to the shipping method (typically a 7-inch reel containing 250 units).
    ✨ Follow-up Questions
    • ⤷ How does the AD8610 compare to the AD8620 version?
    • ⤷ What are the power consumption characteristics of this op-amp?
    • ⤷ Is the AD8610 suitable for audio pre-amplifier circuits?