データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8611ARM-R2

  • AI
    ## Overview of the AD8611ARM-R2 The **AD8611ARM-R2** is a high-speed comparator manufactured by **Analog Devices**. It is designed for applications requiring extremely fast signal processing with minimal propagation delay. It belongs to the AD8611/AD8614 family, known for being among the fastest CMOS comparators available. --- ### Technical Specifications The following table highlights the core electrical characteristics of the AD8611ARM-R2: | Parameter | Specification | | :--- | :--- | | **Propagation Delay** | 4 ns (nanoseconds) | | **Supply Voltage (Single)** | +3.0 V to +5.0 V | | **Supply Current** | 4 mA per comparator | | **Input Offset Voltage** | 1.0 mV (Typical) | | **Output Type** | Rail-to-Rail / CMOS / TTL compatible | | **Package Type** | MSOP-8 (ARM designates the package) | | **Operating Temperature** | -40°C to +85°C | --- ### Key Electronic Features 1. **Ultra-Fast Response:** With a propagation delay of only **4 ns**, this part is ideal for high-speed clock recovery and data communication circuits. 2. **Latch Function:** The device includes a "Latch" pin. When the latch is enabled, the output remains fixed regardless of the input changes, which is useful for capturing transient signals. 3. **Rail-to-Rail Outputs:** The output can swing very close to the supply rails, ensuring compatibility with modern low-voltage digital logic (TTL/CMOS). 4. **Low Power Consumption:** Despite its high speed, it maintains a relatively low current draw, making it suitable for portable electronics. --- ### Pin Configuration (MSOP-8) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **V+** | Positive Supply Voltage | | 2 | **IN+** | Non-inverting Input | | 3 | **IN-** | Inverting Input | | 4 | **V-** | Negative Supply (Ground) | | 5 | **LE/HYST** | Latch Enable / Hysteresis Control | | 6 | **NC** | No Connection | | 7 | **Q** | Non-inverted Output | | 8 | **V_LOGIC** | Logic Supply Voltage (often tied to V+) | --- ### Common Applications * **High-Speed Line Receivers:** Interpreting signals over long cables where signal integrity is degraded. * **Peak Detectors:** Identifying the highest voltage point in a fast-moving waveform. * **Threshold Detection:** Used in security or sensing systems to trigger an event when a voltage level is crossed. * **Clock Recovery:** Restoring clean square-wave clock signals from noisy high-frequency inputs.
    ✨ Follow-up Questions
    • ⤷ How does the 'Latch' pin functionality work in a practical circuit?
    • ⤷ What is the difference between the AD8611 and the AD8614 variants?
    • ⤷ Are there specific PCB layout considerations for 4ns propagation delay components?