データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8616ARM-R2

  • AI
    ## Overview of the AD8616ARM-R2 The **AD8616ARM-R2** is a high-precision, CMOS, dual operational amplifier manufactured by Analog Devices. It belongs to the AD8616 family, known for its low noise, rail-to-rail input/output capabilities, and wide bandwidth. --- ### 1. Key Technical Specifications The following table outlines the core electronic parameters for the AD8616ARM-R2: | Parameter | Specification | Units | | :--- | :--- | :--- | | **Number of Channels** | 2 (Dual) | - | | **Supply Voltage (Single)** | 2.7 to 5.5 | V | | **Bandwidth (Gain-Bandwidth Product)** | 24 | MHz | | **Slew Rate** | 12 | V/µs | | **Input Offset Voltage (Max)** | 65 | µV | | **Voltage Noise Density** | 8 | nV/√Hz | | **Input Bias Current** | 1 | pA | | **Output Current per Channel** | 150 | mA | | **Operating Temperature** | -40 to +125 | °C | --- ### 2. Physical Packaging and Part Number Breakdown The specific suffix **"ARM-R2"** provides information about the package and the delivery format: * **AD8616**: The base model number. * **ARM**: Refers to the **MSOP-8** (Micro Small Outline Package). It is a space-saving surface-mount package. * **R2**: Indicates the reel size/quantity for automated assembly. In this case, it typically refers to a **7-inch reel** containing 250 units. --- ### 3. Internal Features and Architecture The electronic architecture of the AD8616 is designed for high-fidelity signal processing: * **Rail-to-Rail Input/Output (RRIO):** The amplifier can handle signals that swing all the way to the positive and negative supply rails without clipping, maximizing dynamic range. * **DigiTrim® Technology:** Analog Devices uses a patented digital trimming technique at the wafer level to achieve extremely low offset voltages without the need for external trim pins. * **Low Input Bias Current:** Because it uses CMOS transistors at the input stage, the bias current is exceptionally low (pA range), making it ideal for high-impedance sensors. * **High Drive Capability:** Unlike many precision op-amps, the AD8616 can drive loads up to 150 mA, which is sufficient for driving headphones or small motors directly. --- ### 4. Typical Applications Due to its low noise and high speed, the AD8616ARM-R2 is commonly used in: 1. **Optical Networking:** Photodiode transimpedance amplification. 2. **Audio Processing:** High-quality portable audio pre-amps. 3. **Medical Instrumentation:** Battery-powered ECG or glucose monitors. 4. **Data Acquisition:** Buffering for high-speed 12-bit to 16-bit ADCs.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8616 and the single-channel AD8615 version?
    • ⤷ How does the low input bias current benefit transimpedance amplifier designs?
    • ⤷ Can the AD8616 be used in a split-supply configuration (e.g.
    • ⤷ +/- 2.5V)?