データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8617WARZ-R7

  • AI
    ## Overview of AD8617WARZ-R7 The **AD8617WARZ-R7** is a high-precision, low-cost, dual-channel operational amplifier (op-amp) manufactured by Analog Devices. It is part of the DigiTrim® technology family, which allows for high accuracy and low offset voltage. The "W" in the part number indicates it is **Automotive Qualified**, making it suitable for harsh environments and critical safety applications. --- ### Technical Specifications The following table summarizes the key electrical and physical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Single)** | 2.7 V to 5.0 V | | **Supply Voltage (Dual)** | ±1.35 V to ±2.5 V | | **Offset Voltage (Max)** | 800 µV | | **Bandwidth (-3dB)** | 400 kHz | | **Slew Rate** | 0.1 V/µs | | **Input Bias Current** | 1 pA (Typical) | | **Rail-to-Rail** | Input and Output (RRIO) | | **Operating Temperature** | -40°C to +125°C | | **Package** | 8-Lead SOIC (Small Outline Integrated Circuit) | | **Qualification** | AEC-Q100 (Automotive) | --- ### Key Features and Benefits 1. **Rail-to-Rail Input/Output:** This allows the signal to swing very close to the supply rails, maximizing the dynamic range in low-voltage systems. 2. **Low Input Bias Current:** Utilizing CMOS technology, the input bias current is extremely low (pico-ampere range), making it ideal for high-impedance sensor interfaces. 3. **Low Power Consumption:** With a supply current of approximately 38 µA per amplifier, it is well-suited for battery-powered devices. 4. **DigiTrim® Technology:** This proprietary process trims the offset voltage at the wafer level, ensuring high precision without the need for external adjustment. --- ### Application Use Cases The AD8617WARZ-R7 is versatile and found in various industrial and automotive sectors: * **Battery Monitoring:** Low current draw helps in prolonging battery life in monitoring circuits. * **Sensor Interfaces:** Used for amplifying signals from photodiodes, pressure sensors, and thermistors. * **Automotive Systems:** Steering, braking, and powertrain control modules where AEC-Q100 qualification is mandatory. * **Portable Instrumentation:** Due to its small SOIC-8 footprint and low power needs. --- ### Part Number Breakdown | Prefix/Suffix | Meaning | | :--- | :--- | | **AD8617** | Base model number (Dual Op-Amp) | | **W** | Automotive Grade (AEC-Q100 Qualified) | | **ARZ** | Package code (R = SOIC, Z = RoHS Compliant/Lead-Free) | | **R7** | Tape and Reel packaging (7-inch reel) |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8617 and the AD8613 models?
    • ⤷ How does DigiTrim technology specifically improve the performance of this op-amp?
    • ⤷ What are the common failure modes for this device in automotive environments?