データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8619WARZ-R7

  • AI
    ## Technical Overview of AD8619WARZ-R7 The **AD8619WARZ-R7** is a high-precision, quad-channel, rail-to-rail input and output operational amplifier (Op-Amp) manufactured by **Analog Devices**. It is specifically designed for applications requiring low power consumption and high accuracy in harsh environments. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | 4 (Quad) | | **Supply Voltage (Single)** | 2.7 V to 5.0 V | | **Supply Voltage (Dual)** | ±1.35 V to ±2.5 V | | **Input Type** | Rail-to-Rail | | **Output Type** | Rail-to-Rail | | **Gain Bandwidth Product** | 400 kHz | | **Slew Rate** | 0.1 V/µs | | **Offset Voltage (Max)** | 1 mV | | **Quiescent Current** | ~38 µA per amplifier | | **Automotive Grade** | AEC-Q100 Qualified | | **Package** | 14-lead SOIC (Narrow) | --- ### 2. Core Functional Characteristics * **Micropower Consumption:** Consuming less than 40 µA per amplifier, it is ideal for battery-powered or portable electronic devices where energy efficiency is critical. * **Rail-to-Rail Input/Output (RRIO):** This allows the input and output signals to swing very close to the power supply rails (ground and Vcc), maximizing the dynamic range of the signal. * **Low Input Bias Current:** Typical values are around 1 pA, making it excellent for high-impedance sensor interfaces and integrator circuits. * **Automotive Qualification:** The "W" in the part number indicates it is qualified for automotive applications, ensuring stability over a wide temperature range (-40°C to +125°C). --- ### 3. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **AD8619** | Base Model Number | | **W** | Qualified for Automotive Applications | | **A** | Performance Grade/Temperature Range | | **RZ** | Package Designator (R = SOIC, Z = RoHS Compliant) | | **R7** | Packaging Type (7-inch Tape and Reel, 1k units) | --- ### 4. Common Applications * **Automotive Electronics:** Sensors for engine control, battery management systems (BMS), and climate control. * **Portable Instrumentation:** Handheld meters and battery-operated data loggers. * **Medical Equipment:** Low-power patient monitoring devices. * **Signal Conditioning:** Interfacing with photodiodes, strain gauges, and thermistors. --- ### 5. Pinout Configuration (14-Lead SOIC) ```text +---U---+ OUT A 1 | | 14 OUT D -IN A 2 | | 13 -IN D +IN A 3 | | 12 +IN D V+ 4 | | 11 V- +IN B 5 | | 10 +IN C -IN B 6 | | 9 -IN C OUT B 7 | | 8 OUT C +-------+ ```
    ✨ Follow-up Questions
    • ⤷ How does the AD8619 compare to the AD8617 or AD8613 series?
    • ⤷ What are the specific benefits of AEC-Q100 qualification in automotive design?
    • ⤷ Can you explain the difference between Rail-to-Rail Input and Rail-to-Rail Output?