データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8639WARZ-R7

  • AI
    ## Electronic Analysis: AD8639WARZ-R7 The **AD8639WARZ-R7** is a high-precision, dual-channel, rail-to-rail input and output (RRIO) operational amplifier manufactured by Analog Devices. It utilizes **Auto-Zeroing technology** (Chopper stabilization) to achieve extremely low offset voltage and drift. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Architecture** | Zero-Drift (Auto-Zero) | | **Number of Channels** | Dual (2) | | **Supply Voltage Range** | 5V to 16V (or ±2.5V to ±8V) | | **Offset Voltage (Max)** | 9 μV | | **Offset Drift (Max)** | 0.05 μV/°C | | **Bandwidth** | 1.5 MHz | | **Slew Rate** | 1.0 V/μs | | **Package / Case** | 8-SOIC (Small Outline Integrated Circuit) | | **Automotive Grade** | AEC-Q100 Qualified | --- ### 2. Core Electronic Features #### A. Auto-Zero Technology This part is famous for its **Zero-Drift** performance. It continuously corrects its own internal DC errors. This results in: * **Low Offset:** Eliminates the need for manual trimming. * **High DC Precision:** The output remains stable even as the temperature fluctuates. * **1/f Noise Elimination:** It effectively cancels low-frequency flicker noise, making it ideal for DC-coupled low-frequency measurements. #### B. Rail-to-Rail Input/Output (RRIO) The AD8639 can handle input signals that go all the way to the positive and negative supply rails. Similarly, the output can swing very close to the rails, maximizing the dynamic range of the signal chain, especially in low-voltage systems. #### C. Automotive Qualification (The "W" Suffix) The "W" in the part number signifies that this component is **Automotive Grade**. It is AEC-Q100 qualified, meaning it has passed rigorous reliability testing for harsh environments, including wide temperature ranges and high vibration. --- ### 3. Pin Configuration (8-SOIC) The device follows the standard dual op-amp pinout: | Pin | Symbol | Function | | :--- | :--- | :--- | | 1 | OUT A | Output of Channel A | | 2 | -IN A | Inverting Input of Channel A | | 3 | +IN A | Non-inverting Input of Channel A | | 4 | V- | Negative Power Supply | | 5 | +IN B | Non-inverting Input of Channel B | | 6 | -IN B | Inverting Input of Channel B | | 7 | OUT B | Output of Channel B | | 8 | V+ | Positive Power Supply | --- ### 4. Typical Applications * **Precision Current Sensing:** Low offset allows for accurate measurement across very small shunt resistors. * **Pressure & Strain Gauge Sensors:** Ideal for amplifying tiny bridge signals that require high DC accuracy. * **Thermocouple Amplifiers:** Stable performance across temperature shifts. * **Battery Monitoring:** Low power and high precision for automotive battery management systems (BMS). ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the '-R7' suffix in the part number?
    • ⤷ How does the AD8639 compare to a standard non-chopper op-amp regarding noise?
    • ⤷ Can the AD8639 be used with a single 5V power supply?