AD8643ACPZ-R2
AI

The **AD8643ACPZ-R2** is a high-precision, quad-channel, rail-to-rail input and output operational amplifier (op-amp) manufactured by Analog Devices. It belongs to the DigiTrim® family, which utilizes a specialized trimming technique to achieve low offset voltage.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 4 (Quad) |
| **Supply Voltage (Single)** | 5V to 26V |
| **Supply Voltage (Dual)** | ±2.5V to ±13V |
| **Input Offset Voltage** | 70 μV (Maximum) |
| **Input Bias Current** | 1 pA (Typical) |
| **Bandwidth** | 3.5 MHz |
| **Slew Rate** | 2 V/μs |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | LFCSP-16 (3mm x 3mm) |
---
### 2. Core Features and Benefits
* **Low Input Bias Current:** Utilizing JFET/CMOS input stages, the bias current is extremely low (pico-ampere range). This makes it ideal for interfacing with high-impedance sensors.
* **Rail-to-Rail Input/Output:** It can handle signals that swing across the entire power supply range, maximizing dynamic range in low-voltage systems.
* **High Precision:** The low offset voltage and low drift over temperature minimize errors in DC measurement applications.
* **Low Power Consumption:** Each amplifier consumes very little current, making it suitable for portable or battery-powered instrumentation.
---
### 3. Pinout Configuration (LFCSP-16)
The AD8643ACPZ-R2 uses a Lead Frame Chip Scale Package. Below is the functional breakdown:
| Pin Type | Description |
| :--- | :--- |
| **V+ / V-** | Positive and Negative Power Supply pins. |
| **Inputs (+/-)** | Non-inverting and Inverting inputs for each of the 4 amplifiers. |
| **Outputs** | Output pins for each of the 4 amplifiers. |
| **EP (Exposed Pad)** | Should be connected to V- or left floating (check datasheet for thermal grounding). |
---
### 4. Typical Applications
* **Photodiode Transimpedance Amplifiers:** Due to the low input bias current.
* **Battery Monitors:** High precision and low power usage.
* **Precision Filters:** Suitable for active filtering in medical instrumentation.
* **Sensor Signal Conditioning:** Used with thermocouples, RTDs, and strain gauges.
---
### 5. Ordering Information Meaning
* **AD8643:** Base model number.
* **ACPZ:** "A" denotes the grade; "CP" indicates LFCSP package; "Z" indicates RoHS compliance (Lead-free).
* **R2:** Indicates the packaging format (7-inch reel with 250 units).
- ⤷
What are the differences between the AD8643 and the AD8641/AD8642 versions?
- ⤷ Can you explain how the DigiTrim technology improves performance in this op-amp?
- ⤷ What are the recommended layout practices for the LFCSP package to ensure thermal stability?