データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8646ARMZ-R2

  • AI
    The **AD8646ARMZ-R2** is a high-performance, dual-channel operational amplifier manufactured by Analog Devices. It is part of the DigiTrim® family, known for its precision, rail-to-rail capabilities, and low noise. --- ## 1. Technical Specifications The following table highlights the core electrical characteristics of the AD8646 series: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | Dual (2 Amps per chip) | | **Supply Voltage (Single)** | 2.7 V to 5.5 V | | **Gain Bandwidth Product** | 24 MHz | | **Slew Rate** | 11 V/µs | | **Input Offset Voltage** | 600 µV (Max) | | **Input Bias Current** | 1 pA (Typical) | | **Voltage Noise Density** | 6 nV/√Hz at 10 kHz | | **Output Current** | 120 mA (High Drive) | | **Package Type** | MSOP-8 (ARMZ) | --- ## 2. Key Features * **Rail-to-Rail Input/Output:** This allows the signal to swing from the negative supply (ground) to the positive supply, maximizing the dynamic range in low-voltage systems. * **High Output Drive:** Capable of driving high-capacitive loads and providing up to 120 mA of current, making it suitable for driving headphones or small motors. * **Low Noise and Distortion:** Ideal for audio and high-fidelity sensor applications. * **DigiTrim® Technology:** A patented digital trimming technique used during manufacturing to minimize input offset voltage. --- ## 3. Applications Due to its high bandwidth and low noise, the AD8646 is commonly used in: 1. **Optical Networking:** Photodiode transimpedance amplification. 2. **Audio Circuits:** Line drivers, headphone amplifiers, and active filters. 3. **Medical Instrumentation:** Low-power, high-precision portable monitoring devices. 4. **Sensor Interfaces:** Buffering signals for high-speed Analog-to-Digital Converters (ADCs). --- ## 4. Part Number Breakdown The suffix **ARMZ-R2** provides specific details about the packaging and delivery: * **AD8646**: The base model number. * **ARMZ**: Indicates an **MSOP-8** (Mini Small Outline Package) using RoHS-compliant materials (lead-free). * **R2**: Specifies the packaging format, typically a **7-inch Reel** containing 250 units (used for automated assembly). ---
    ✨ Follow-up Questions
    • ⤷What are the differences between the AD8646 and the AD8648?
    • ⤷ Can the AD8646 operate on a split +/- 2.5V power supply?
    • ⤷ What is the thermal resistance of the MSOP-8 package for this chip?