データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8646WARMZ-R7

  • AI
    The **AD8646WARMZ-R7** is a high-performance, dual-channel, rail-to-rail input and output (RRIO) operational amplifier manufactured by Analog Devices. It is specifically designed for applications requiring high precision and low noise in a compact package. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Single)** | 2.7 V to 5.5 V | | **Gain Bandwidth Product** | 24 MHz | | **Slew Rate** | 11 V/µs | | **Input Bias Current** | 1 pA (typical) | | **Voltage Noise Density** | 6 nV/√Hz | | **Package Type** | MSOP-8 (8-lead Micro Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | | **Automotive Grade** | AEC-Q100 Qualified | --- ### Key Features and Electronic Characteristics 1. **Rail-to-Rail Input and Output:** The device allows the signal voltage to swing almost to the full potential of the power supply rails (both positive and negative), maximizing the dynamic range of the signal processing. 2. **Low Noise and Distortion:** With a low voltage noise density of $6\text{ nV}/\sqrt{\text{Hz}}$ and very low total harmonic distortion (THD), it is ideal for audio pre-amplification and sensor signal conditioning. 3. **High Output Drive:** The AD8646 can drive high capacitive loads and provide output currents up to $120\text{ mA}$, making it suitable for driving headphones or low-impedance filters. 4. **Automotive Qualification ("W" Suffix):** The "W" in the part number indicates it is **Automotive Grade**. It is manufactured on a dedicated line and undergoes rigorous testing to meet AEC-Q100 standards, ensuring reliability in harsh environments. --- ### Typical Applications * **Automotive Systems:** Infotainment, sensor interfaces, and power steering controls. * **Audio Equipment:** Professional audio filters and line drivers. * **Optical Networking:** Photodiode transimpedance amplification. * **Battery Powered Instrumentation:** Due to its low power consumption relative to its bandwidth. --- ### Part Number Breakdown * **AD8646:** The base model (Dual precision CMOS Op-Amp). * **W:** Automotive Grade. * **ARMZ:** Package code for MSOP-8 (Lead-free). * **R7:** Packaging format (7-inch Tape and Reel).
    ✨ Follow-up Questions
    • ⤷ What are the differences between the AD8646 and the single-channel AD8645?
    • ⤷ Can the AD8646 be used in a single-supply configuration for 5V systems?
    • ⤷ What is the typical power consumption of this IC per channel?