データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8646WARZ-R7

  • AI
    ## Overview of the AD8646WARZ-R7 The **AD8646WARZ-R7** is a high-performance, dual-channel, rail-to-rail input and output amplifier manufactured by Analog Devices. It belongs to the AD8646 family, specifically designed for automotive and high-precision industrial applications. --- ### Key Specifications and Technical Features The following table summarizes the primary electrical characteristics of the AD8646WARZ-R7: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Single)** | 2.7 V to 5.5 V | | **Gain Bandwidth Product** | 24 MHz | | **Slew Rate** | 11 V/µs | | **Offset Voltage (Max)** | 600 µV | | **Low Noise** | 6 nV/√Hz @ 1 kHz | | **Output Current** | 120 mA | | **Package / Case** | SOIC-8 (N) | | **Automotive Qualified** | Yes (AEC-Q100) | --- ### Core Functional Features 1. **Rail-to-Rail Input/Output (RRIO):** The amplifier allows signals to swing very close to both the positive and negative supply rails. This maximizes dynamic range, especially in low-voltage (3.3V or 5V) systems. 2. **High Drive Capability:** With an output current of up to 120 mA, this part can drive heavy capacitive loads or low-impedance loads (like headphones or small motors) without needing an additional buffer. 3. **Low Noise and Distortion:** It is optimized for high-fidelity audio and precision sensor signal conditioning, offering very low total harmonic distortion (THD). 4. **Automotive Grade:** The "W" in the part number indicates it is qualified for automotive applications according to AEC-Q100 standards, ensuring reliability under extreme temperatures and vibrations. --- ### Part Number Breakdown The suffixing in the part number provides specific logistical and physical information: * **AD8646**: The base model series. * **W**: Automotive Grade (AEC-Q100). * **A**: Performance Grade (refer to datasheet for specific offset/drift tier). * **R**: Package Code (SOIC). * **Z**: RoHS Compliant (Lead-Free). * **R7**: 7-inch Tape and Reel (Packaging method). --- ### Typical Applications * **Automotive Systems:** In-car audio, sensor interfaces, and ECU monitoring. * **Portable Devices:** Battery-powered instrumentation requiring low power and high bandwidth. * **Signal Conditioning:** Photodiode amplification and ADC driving. * **Audio:** High-quality headphone drivers and pre-amplifiers. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the AD8646 and the AD8648 models?
    • ⤷ How does the 24 MHz bandwidth affect high-speed signal processing?
    • ⤷ What are the thermal considerations for the SOIC-8 package when driving 120mA?