データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8651ARMZ-R2

  • AI
    ## Overview of the AD8651ARMZ-R2 The **AD8651ARMZ-R2** is a high-precision, low-noise, CMOS operational amplifier manufactured by **Analog Devices**. It is specifically designed for applications requiring high speed and high accuracy while maintaining low power consumption. --- ### Technical Specifications Below are the primary electronic characteristics of the AD8651ARMZ-R2: | Parameter | Specification | | :--- | :--- | | **Amplifier Type** | CMOS / Precision | | **Number of Channels** | 1 (Single) | | **Bandwidth (-3 dB)** | 50 MHz | | **Slew Rate** | 41 V/µs | | **Voltage Supply (Single/Dual)** | 2.7V to 5.5V | | **Input Offset Voltage** | 100 µV (Typical) | | **Input Bias Current** | 1 pA (Typical) | | **Output Type** | Rail-to-Rail | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | 8-MSOP (Micro Small Outline Package) | --- ### Key Electronic Features 1. **High Speed & Bandwidth:** With a **50 MHz** gain-bandwidth product and a **41 V/µs** slew rate, this op-amp is ideal for high-speed data acquisition and pulse amplification. 2. **Low Noise:** It features a very low voltage noise density ($5\text{ nV}/\sqrt{\text{Hz}}$ at $10\text{ kHz}$), which is critical for maintaining signal integrity in sensitive sensor interfaces. 3. **Rail-to-Rail Input/Output (RRIO):** The device can handle input and output signals that swing all the way to the supply rails, maximizing the dynamic range in low-voltage systems (e.g., 3.3V or 5V systems). 4. **Low Input Bias Current:** Utilizing CMOS technology, it has an extremely low bias current (picoampere range), making it perfect for photodiode transimpedance amplifiers or high-impedance sensors. --- ### Naming Convention Breakdown * **AD8651**: The base model number (Single channel, high-speed CMOS op-amp). * **ARMZ**: * **A**: Performance grade. * **RM**: Indicates the **MSOP-8** package type. * **Z**: Indicates RoHS compliance (Lead-free). * **R2**: Refers to the shipping method, typically a **7-inch reel** containing a specific quantity (often 250 units for the R2 suffix). --- ### Common Applications * **Photodiode Amplifiers:** Due to low bias current and high speed. * **Optical Networking:** Laser diode control loops. * **Medical Instrumentation:** High-impedance sensor signal conditioning. * **Base Stations:** Filtering and intermediate frequency (IF) amplification. * **Precision Filters:** High-order active filters.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD8651 and the dual-channel AD8652?
    • ⤷ Can the AD8651ARMZ-R2 operate on a +/- 5V dual power supply?
    • ⤷ What are the specific advantages of using a CMOS op-amp over a Bipolar op-amp in this context?