データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8657ACPZ-R7

  • AI
    The **AD8657ACPZ-R7** is a high-precision, micropower, rail-to-rail input/output (RRIO) operational amplifier manufactured by Analog Devices. It is specifically designed for applications where power consumption and space are critical, such as battery-powered medical devices or portable instrumentation. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the AD8657ACPZ-R7: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual Op-Amp) | | **Supply Voltage (Single)** | 2.7 V to 18 V | | **Supply Voltage (Dual)** | ±1.35 V to ±9 V | | **Quiescent Current** | 18 µA per amplifier (Typical) | | **Gain Bandwidth Product** | 200 kHz | | **Offset Voltage (Max)** | 350 µV | | **Package Type** | LFCSP-8 (3mm x 3mm) | | **Output Type** | Rail-to-Rail | --- ### 2. Core Features * **Micropower Consumption:** Consuming only 18 µA per channel, this chip is ideal for "always-on" sensing applications where battery life must be extended for years. * **Overvoltage Protection (OVP):** The inputs are protected against signals that exceed the power supply rails by up to 32 V, preventing damage from transient spikes. * **High Precision:** Despite its low power, it maintains a low offset voltage and low drift, ensuring signal integrity in sensor conditioning. * **RRIO (Rail-to-Rail Input/Output):** This allows the device to utilize the full dynamic range of the power supply, which is critical at low-voltage operations (e.g., 2.7V). --- ### 3. Pin Configuration (LFCSP-8) The AD8657ACPZ-R7 uses a Lead Frame Chip Scale Package (LFCSP), which includes an exposed pad for thermal management. | Pin Number | Mnemonic | Description | | :--- | :--- | :--- | | 1 | OUT A | Output, Channel A | | 2 | -IN A | Inverting Input, Channel A | | 3 | +IN A | Non-Inverting Input, Channel A | | 4 | V- | Negative Supply / Ground | | 5 | +IN B | Non-Inverting Input, Channel B | | 6 | -IN B | Inverting Input, Channel B | | 7 | OUT B | Output, Channel B | | 8 | V+ | Positive Supply | --- ### 4. Typical Applications * **Portable Medical Instrumentation:** ECG/EKG monitors and glucose meters. * **Remote Sensors:** 4 mA to 20 mA loop-powered transmitters. * **Battery Monitoring:** Monitoring voltage and current in lithium-ion battery packs. * **Utility Meters:** Low-power gas and water metering systems. --- ### 5. Part Number Breakdown (Nomenclature) `AD8657` + `ACPZ` + `R7` * **AD8657:** The base model/family name. * **ACPZ:** Indicates the package (Lead Frame Chip Scale Package) and RoHS compliance (Z). * **R7:** Indicates the shipping method (7-inch Tape and Reel, typically 3,000 units).
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Exposed Pad' on the LFCSP package for this specific op-amp?
    • ⤷ How does the input overvoltage protection feature compare to standard op-amps?
    • ⤷ Can the AD8657 be used in high-speed signal processing applications?