データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8657ARMZ-R7

  • AI
    ## Overview of AD8657ARMZ-R7 The **AD8657ARMZ-R7** is a high-precision, micropower, dual-channel operational amplifier (op-amp) manufactured by **Analog Devices**. It is specifically designed for applications requiring extremely low power consumption and high DC accuracy, making it ideal for battery-operated devices. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | Dual (2) | | **Supply Voltage (Range)** | 2.7 V to 18 V (or ±1.35 V to ±9 V) | | **Supply Current (per Amp)** | 18 µA (Typical) | | **Input Offset Voltage** | 350 µV (Maximum) | | **Gain Bandwidth Product** | 200 kHz | | **Slew Rate** | 0.07 V/µs | | **Input Bias Current** | 5 pA | | **Package Type** | MSOP-8 (Mini Small Outline Package) | --- ### 2. Core Features * **Micropower Consumption:** Consuming only 18 µA per amplifier, it significantly extends the battery life of portable electronics. * **Rail-to-Rail Input/Output (RRIO):** The output can swing almost to the supply rails, and the input common-mode range includes both negative and positive rails. * **Low Input Bias Current:** Utilizing CMOS technology, the input bias current is in the pico-ampere range, which is essential for high-impedance sensor interfaces. * **High Supply Range:** Unlike many micropower op-amps limited to 5V, the AD8657 can operate up to 18V, allowing for more headroom in industrial applications. * **EMI Hardened:** It features internal filters to reduce interference from radio frequency (RF) signals. --- ### 3. Pin Configuration (MSOP-8) | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | OUT A | Output of Amplifier A | | 2 | -IN A | Inverting Input of Amplifier A | | 3 | +IN A | Non-inverting Input of Amplifier A | | 4 | V- | Negative Power Supply | | 5 | +IN B | Non-inverting Input of Amplifier B | | 6 | -IN B | Inverting Input of Amplifier B | | 7 | OUT B | Output of Amplifier B | | 8 | V+ | Positive Power Supply | --- ### 4. Common Applications 1. **Portable Instrumentation:** Handheld meters and battery-powered medical devices. 2. **Remote Sensors:** IoT nodes where power efficiency is critical. 3. **Current Sensing:** Low-side current monitoring in power management systems. 4. **Active Filters:** Low-frequency filtering in signal conditioning chains. 5. **Transimpedance Amplifiers:** Converting low currents from photodiodes into measurable voltages. --- ### 5. Part Number Decoding * **AD8657**: Base model number (Micropower RRIO Op-Amp). * **ARMZ**: Package code for **MSOP** (Lead-free/RoHS compliant). * **R7**: Indicates the packaging format (7-inch Reel, typically containing 1,000 units). ---
    ✨ Follow-up Questions
    • ⤷ What are the trade-offs of using a micropower op-amp like the AD8657 compared to a high-speed op-amp?
    • ⤷ How does the EMI hardening in the AD8657 improve performance in noisy environments?
    • ⤷ Can the AD8657 be used in a single-supply configuration for 5V systems?