データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8662ARMZ-R2

  • AI
    ## AD8662ARMZ-R2 Technical Overview The **AD8662ARMZ-R2** is a high-precision, dual, rail-to-rail output operational amplifier manufactured by Analog Devices. It belongs to the DigiTrim® family, which utilizes a specialized digital trimming technique to achieve low offset voltage. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | Dual (2 Amplifiers) | | **Supply Voltage (Single)** | 5V to 16V | | **Supply Voltage (Dual)** | ±2.5V to ±8V | | **Offset Voltage (Max)** | 100 µV | | **Bandwidth (GBP)** | 4 MHz | | **Slew Rate** | 3.5 V/µs | | **Input Bias Current** | 0.3 pA (Typical) | | **Output Type** | Rail-to-Rail | | **Package / Case** | 8-MSOP (Micro Small Outline Package) | --- ### 2. Core Features and Functionality * **Low Input Bias Current:** Utilizing JFET or CMOS-like input stages, this part features extremely low bias current (picoampere range), making it ideal for photodiode preamps or high-impedance sensors. * **DigiTrim® Technology:** This is a proprietary method used during manufacturing to trim the input offset voltage, ensuring high DC precision without the need for external adjustment. * **Wide Voltage Range:** Unlike many precision op-amps that are limited to 5V, the AD8662 can operate up to 16V, allowing it to interface with legacy 12V industrial systems. * **Rail-to-Rail Output:** The output can swing very close to the supply rails, maximizing the dynamic range in low-voltage applications. --- ### 3. Pin Configuration (8-MSOP) The device follows the industry-standard dual op-amp pinout: | Pin | Name | Description | | :--- | :--- | :--- | | 1 | OUT A | Output of Amplifier A | | 2 | -IN A | Inverting Input of Amplifier A | | 3 | +IN A | Non-inverting Input of Amplifier A | | 4 | V- | Negative Power Supply | | 5 | +IN B | Non-inverting Input of Amplifier B | | 6 | -IN B | Inverting Input of Amplifier B | | 7 | OUT B | Output of Amplifier B | | 8 | V+ | Positive Power Supply | --- ### 4. Common Applications * **Sensor Interfaces:** Amplifying signals from high-impedance sensors like pH probes or capacitive sensors. * **Medical Instrumentation:** Used in ECG or heart rate monitors due to low noise and high precision. * **Active Filters:** Designing high-order filters where precision and bandwidth are required. * **Photodiode Amplifiers:** Converting low-level currents into measurable voltages. --- ### 5. Part Number Breakdown * **AD8662**: The base model number. * **ARMZ**: Indicates the package type (MSOP) and RoHS compliance (Z). * **R2**: Indicates the packaging format (7-inch Reel, typically containing 250 units).
    ✨ Follow-up Questions
    • ⤷ How does the AD8662 compare to the AD8661 in terms of channel count and performance?
    • ⤷ What are the specific decoupling capacitor recommendations for this op-amp?
    • ⤷ Can this part be used in a single-supply 3.3V system?