データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8663ACPZ-R2

  • AI
    ## AD8663ACPZ-R2: Detailed Technical Overview The **AD8663ACPZ-R2** is a high-precision, rail-to-rail input and output (RRIO), single CMOS operational amplifier manufactured by Analog Devices. It is designed for low-voltage applications that require low offset voltage and low input bias current. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Amplifier Type** | CMOS (Precision) | | **Number of Circuits** | 1 (Single Channel) | | **Supply Voltage (Single)** | 5V to 16V | | **Supply Voltage (Dual)** | ±2.5V to ±8V | | **Gain Bandwidth Product** | 540 kHz | | **Slew Rate** | 0.3 V/µs | | **Input Offset Voltage** | 40 µV (Typical) to 175 µV (Max) | | **Input Bias Current** | 1 pA (Typical) | | **Package Type** | LFCSP-8 (3x3 mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Features and Benefits * **Low Input Bias Current:** Utilizing CMOS technology, the input current is extremely low (pico-ampere range), making it ideal for photodiode preamps or high-impedance sensors. * **Rail-to-Rail I/O:** The output can swing almost to the supply rails, maximizing dynamic range in low-voltage systems. * **Low Power Consumption:** With a typical supply current of around 230 µA, it is suitable for battery-powered portable devices. * **Overvoltage Protection:** The inputs are designed to handle voltages slightly beyond the supply rails without phase reversal. --- ### 3. Pin Configuration (LFCSP-8) The "ACPZ" suffix refers to the Lead Frame Chip Scale Package. Below is the standard functional pinout: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | NC | No Internal Connection | | 2 | -IN | Inverting Input | | 3 | +IN | Non-inverting Input | | 4 | V- | Negative Supply or Ground | | 5 | NC | No Internal Connection | | 6 | OUT | Amplifier Output | | 7 | V+ | Positive Supply | | 8 | NC | No Internal Connection | --- ### 4. Typical Applications The AD8663 is frequently found in high-precision industrial and medical instrumentation: 1. **Sensor Interfaces:** High-impedance sensors like pH probes or piezoelectric transducers. 2. **Medical Equipment:** Portable ECG/EKG monitors where low power and high precision are critical. 3. **Data Acquisition:** Serving as an input buffer for 12-bit to 16-bit ADCs. 4. **Battery Monitoring:** Precision current sensing in battery management systems (BMS). --- ### 5. Part Number Breakdown `AD8663` `ACPZ` `-R2` * **AD8663:** The base model number. * **ACPZ:** Indicates the LFCSP package and "Z" denotes RoHS compliance (lead-free). * **R2:** Indicates the tape and reel size (7-inch reel, typically 250 units).
    ✨ Follow-up Questions
    • ⤷ How does the AD8663 compare to the AD8667 in terms of channel count and performance?
    • ⤷ What are the specific layout recommendations for the LFCSP package to minimize noise?
    • ⤷ Can this op-amp be used with a single 3.3V power supply?