データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8671ARMZ-R2

  • AI
    ## Overview of AD8671ARMZ-R2 The **AD8671ARMZ-R2** is a high-precision, ultra-low noise, operational amplifier (Op-Amp) manufactured by Analog Devices. It is widely recognized for its high performance in instrumentation and signal processing applications where signal integrity is critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Single, Precision Op-Amp | | **Noise Performance** | 2.8 nV/√Hz @ 1 kHz | | **Supply Voltage Range** | ±5 V to ±15 V | | **Input Offset Voltage** | 75 µV (Maximum) | | **Gain Bandwidth Product** | 10 MHz | | **Slew Rate** | 4 V/µs | | **Input Bias Current** | 12 nA (Maximum) | | **Package Type** | MSOP-8 (ARMZ suffix) | --- ### 2. Functional Description The AD8671 belongs to a family of amplifiers designed with a specific focus on **DC precision** and **AC performance**. * **Low Noise:** With a noise density of 2.8 nV/√Hz, it is ideal for amplifying small signals from sensors without adding significant background hiss or interference. * **High Precision:** The low input offset voltage (75 µV) ensures that the output remains accurate with minimal drift over time and temperature. * **Low Input Bias Current:** This feature minimizes errors caused by the voltage drop across high-impedance source resistors. --- ### 3. Application Use Cases This component is typically found in high-end electronic circuits such as: 1. **Precision Instrumentation:** Measurement equipment like digital multimeters or scale controllers. 2. **Medical Imaging:** Used in MRI or Ultrasound signal paths where low noise is mandatory. 3. **Active Filters:** High-order filters where stability and bandwidth are required. 4. **Photodiode Amplifiers:** Converting light signals to voltage with high fidelity. --- ### 4. Part Number Breakdown (AD8671ARMZ-R2) | Code Segment | Meaning | | :--- | :--- | | **AD8671** | Base model number (Single channel variant) | | **A** | Performance/Temperature grade | | **RM** | Package designator (MSOP) | | **Z** | RoHS compliant / Lead-free | | **R2** | Packing format (Tape & Reel, 7-inch reel, 250 units) | --- ### 5. Pin Configuration (MSOP-8) ```text 1: NC (No Connection) 8: NC 2: -Input (Inverting) 7: V+ (Positive Supply) 3: +Input (Non-Invert) 6: Output 4: V- (Negative Supply) 5: NC ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8671 and the AD8672?
    • ⤷ How does the supply voltage impact the power consumption of this Op-Amp?
    • ⤷ Can this part be used in a single-supply 5V circuit?