データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8672ARMZ-R2

  • AI
    ## Technical Overview of AD8672ARMZ-R2 The **AD8672ARMZ-R2** is a high-precision, dual-channel, operational amplifier manufactured by **Analog Devices**. It is part of a series known for combining extremely low noise with low offset voltage and high bandwidth, making it ideal for precision instrumentation. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | Dual (2) | | **Supply Voltage (Dual)** | ±5 V to ±15 V | | **Supply Voltage (Single)** | 10 V to 30 V | | **Gain Bandwidth Product** | 10 MHz | | **Voltage Noise Density** | 2.8 nV/√Hz at 1 kHz | | **Input Offset Voltage** | 20 μV (Typical) | | **Slew Rate** | 4 V/μs | | **Package Type** | MSOP-8 (ARMZ) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Features * **Ultra-Low Noise:** With a noise density of 2.8 nV/√Hz, this part is designed for applications where signal integrity is critical and background "hiss" or thermal noise must be minimized. * **High Precision:** The very low input offset voltage (20 μV) and low drift over temperature ensure that the DC accuracy of the system remains stable over time. * **Wide Bandwidth:** A 10 MHz bandwidth allows the chip to handle relatively high-frequency signals compared to standard precision op-amps. * **Low Input Bias Current:** Uses a proprietary circuit to maintain low bias currents, which prevents errors when using high-impedance feedback resistors. --- ### 3. Application Use Cases The AD8672ARMZ-R2 is commonly integrated into the following systems: 1. **Precision Instrumentation:** Measurement equipment requiring high accuracy. 2. **PLL Filter Amplifiers:** Used in Phase-Locked Loops for frequency synthesis. 3. **Professional Audio:** High-end pre-amplifiers and signal processing. 4. **Medical Equipment:** Monitoring devices like ECG/EKG where low noise is vital. 5. **Photodiode Transimpedance Amps:** Converting light signals into measurable voltage. --- ### 4. Part Number Breakdown (Suffix Deciphering) ```text AD8672 ARMZ -R2 | | | | | └── Packing Code: 7-inch Reel (250 units) | └──────── Package: MSOP (Mini Small Outline Package), RoHS compliant └──────────────── Base Part Number (Dual Precision Op-Amp) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD8672 and the AD8671?
    • ⤷ Can this op-amp be used in battery-powered portable devices?
    • ⤷ What are the recommended decoupling capacitor values for this IC?