データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD9572ACPZPEC-R7

  • AI
    ## AD9572ACPZPEC-R7: Technical Overview The **AD9572ACPZPEC-R7** is a specialized Clock Generation and Distribution integrated circuit (IC) manufactured by Analog Devices. It is part of the AD9572 family, designed specifically to provide high-performance clocking solutions for networking, storage, and computing applications. ### 1. Key Specifications and Features | Feature | Specification | | :--- | :--- | | **Function** | Clock Generator / PLL | | **Number of Outputs** | 10 Outputs (Various types) | | **Output Types** | LVPECL, LVDS, and CMOS | | **Input Frequency** | 25 MHz (Standard Crystal/External) | | **Output Frequency** | Up to 156.25 MHz (Application specific) | | **Voltage Supply** | 3.3V Nominal | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Package Type** | 40-LFCSP (6mm x 6mm) | --- ### 2. Core Functional Blocks The internal architecture of the AD9572 is optimized for low-jitter clock synthesis. * **Phase-Locked Loop (PLL):** It contains a high-performance Integer-N PLL and an Integrated Voltage Controlled Oscillator (VCO). This allows it to take a standard 25 MHz reference and multiply it to high-speed clock rates. * **Clock Distribution:** The device features multiple output drivers. In "PEC" versions, it is heavily weighted towards **LVPECL** (Low-Voltage Positive Emitter-Coupled Logic) outputs, which are known for high speed and excellent noise immunity. * **Internal LDOs:** It includes on-chip Low Dropout regulators to power the PLL and VCO, reducing the sensitivity to external board-level power supply noise. --- ### 3. Part Number Decoding (AD9572ACPZPEC-R7) Understanding the suffix helps in identifying the specific variant: * **AD9572:** Base model number (Clock Generator). * **A:** Performance grade or revision. * **CP:** Lead-frame chip scale package (LFCSP). * **Z:** RoHS compliant (Lead-free). * **PEC:** Specific output configuration (Optimized for **LVPECL** outputs for high-speed differential signaling). * **R7:** 7-inch Tape and Reel packaging (usually 750 or 1,000 units per reel). --- ### 4. Typical Applications The AD9572 is commonly used in hardware that requires synchronized, low-jitter timing across multiple components: 1. **Ethernet Switches & Routers:** Providing 125 MHz or 156.25 MHz clocks for Gigabit and 10GbE PHYs. 2. **Storage Area Networks (SAN):** Clocking for Fibre Channel and PCI Express interfaces. 3. **Data Centers:** Distributed clocking on server motherboards to synchronize high-speed processors and I/O. --- ### 5. Design Considerations ```yaml Design_Tips: Termination: "LVPECL outputs require specific 50-ohm termination to Vcc-2V." Decoupling: "Use 0.1uF ceramic capacitors close to every VDD pin to minimize jitter." Thermal: "The LFCSP package has an exposed pad (EPAD) that must be soldered to PCB ground for heat dissipation." ```
    ✨ Follow-up Questions
    • ⤷ What are the jitter performance specifications for the AD9572?
    • ⤷ How does the LVPECL output compare to the LVDS output on this chip?
    • ⤷ Can the AD9572 be programmed via I2C or SPI
    • ⤷ or is it pin-strapped?