データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD9739-R2-EBZ

  • AI
    The **AD9739-R2-EBZ** is a dedicated evaluation board designed by Analog Devices to demonstrate the performance of the **AD9739**, a 14-bit, 2.5 GSPS High-Performance RF Digital-to-Analog Converter (DAC). --- ## 1. Core Component: The AD9739 DAC The heart of the board is the AD9739 Integrated Circuit. Key specifications include: * **Resolution:** 14-bit. * **Sample Rate:** Up to 2.5 GSPS. * **Interface:** LVDS (Low-Voltage Differential Signaling) with double data rate (DDR) support. * **Mix-Mode:** Allows for signal reconstruction in the 2nd and 3rd Nyquist zones, enabling direct RF synthesis. --- ## 2. Key Electronic Sections of the Evaluation Board | Section | Component Types | Function | | :--- | :--- | :--- | | **Power Management** | ADP150, ADP3334 (Regulators) | Converts the 5V input into clean 1.8V and 3.3V rails to minimize phase noise and jitter. | | **Clock Input** | Baluns and AC-coupling caps | Handles high-frequency external clocking. Often requires a high-quality sine wave source. | | **Data Interface** | FMC (FPGA Mezzanine Card) | A high-speed connector used to interface with FPGA development kits (like Xilinx Virtex series). | | **Output Stage** | 1:1 or 4:1 Baluns (Transformers) | Converts the differential current output of the DAC into a single-ended 50Ω RF signal. | | **SPI Interface** | USB-to-SPI bridge | Used for configuring the internal registers of the AD9739 via a PC application. | --- ## 3. High-Speed Interface Details Because the AD9739 operates at 2.5 GSPS, the electronic layout of the PCB is critical: ### Signal Integrity Features * **Matched Trace Lengths:** The LVDS data lines are length-matched to ensure zero-skew between bits. * **Differential Pairing:** All high-speed paths (Clock, Data, and RF Output) use differential pairs to reduce EMI and improve common-mode rejection. * **Vias and Grounding:** Extensive use of stitching vias to provide a low-impedance return path for high-frequency currents. --- ## 4. Hardware Connectivity Summary ```markdown 1. Power: J1/J2 Connectors (Typically 5V DC). 2. RF Clock: SMA Connector (External high-speed clock source required). 3. RF Output: SMA Connector (Standard 50 Ohm output). 4. Data: FMC Connector (Standardized pinout for FPGA carrier boards). ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the requirements for the external clock source for the AD9739-R2-EBZ?
    • ⤷ Which FPGA development boards are compatible with the FMC connector on this board?
    • ⤷ How does the 'Mix-Mode' feature affect the RF output spectrum?