データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADA4500-2ARMZ-R7

  • AI
    ## Technical Overview of ADA4500-2ARMZ-R7 The **ADA4500-2ARMZ-R7** is a high-precision, dual-channel operational amplifier manufactured by **Analog Devices**. It is specifically designed for low-power, rail-to-rail input and output applications where accuracy is critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | Dual (2) | | **Input Type** | Rail-to-Rail (Zero Crossover Distortion) | | **Supply Voltage Range** | 2.7V to 5.5V | | **Supply Current** | 1.55 mA per amplifier | | **Gain Bandwidth Product** | 8 MHz | | **Offset Voltage (Max)** | 120 μV | | **Package / Case** | 8-MSOP (Mini Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Features and Innovations #### A. Zero Crossover Distortion Unlike standard rail-to-rail input amplifiers that use two differential pairs (PMOS and NMOS), which causes "glitches" when switching between them, the ADA4500-2 uses an integrated charge pump. This allows a single input stage to cover the entire range, resulting in superior **Common-Mode Rejection Ratio (CMRR)** and low harmonic distortion. #### B. High Precision With an offset voltage of only 120 μV (maximum) and low input bias current, this chip is ideal for sensor interfacing where small signals must be amplified without adding significant error. #### C. Power Efficiency It balances a relatively wide bandwidth (8 MHz) with low power consumption, making it suitable for battery-operated portable medical or industrial devices. --- ### 3. Pin Configuration (8-MSOP) The device follows a standard dual-op-amp pinout: | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | OUT A | Output of Amplifier A | | 2 | -IN A | Inverting Input of Amplifier A | | 3 | +IN A | Non-inverting Input of Amplifier A | | 4 | V- | Negative Supply (or Ground) | | 5 | +IN B | Non-inverting Input of Amplifier B | | 6 | -IN B | Inverting Input of Amplifier B | | 7 | OUT B | Output of Amplifier B | | 8 | V+ | Positive Supply | --- ### 4. Typical Applications * **Pressure and Temperature Sensors:** Ideal for bridge-type sensors. * **Handheld Test Equipment:** Low power and high precision for portable tools. * **ADC Drivers:** Providing a clean, buffered signal to Analog-to-Digital Converters. * **Medical Instrumentation:** Low noise and high accuracy for diagnostic devices. ---
    ✨ Follow-up Questions
    • ⤷How does the integrated charge pump affect the noise performance of this op-amp?
    • ⤷ What are the specific advantages of the MSOP package over a standard SOIC for this part?
    • ⤷ Can this op-amp be used in a single-supply configuration for 3.3V systems?