データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADA4661-2ARMZ-R7

  • AI
    The **ADA4661-2ARMZ-R7** is a high-precision, rail-to-rail input/output operational amplifier (op-amp) manufactured by Analog Devices. It is specifically designed for low-power, high-voltage applications where accuracy and stability are critical. --- ### ## Technical Specifications Below are the primary electrical characteristics of the ADA4661-2: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | Dual (2) | | **Supply Voltage (Range)** | 3.0V to 18V (or ±1.5V to ±9V) | | **Supply Current** | 725 µA per amplifier (typical) | | **Gain Bandwidth Product** | 4 MHz | | **Offset Voltage (Max)** | 150 µV | | **Slew Rate** | 2 V/µs | | **Input Bias Current** | 1 pA (typical) | | **Package Type** | MSOP-8 (Micro Small Outline Package) | --- ### ## Key Features The ADA4661-2 is distinguished by several advanced integrated technologies: 1. **DigiTrim® Technology:** This is a patented digital trimming technique used during manufacturing to minimize input offset voltage. This ensures high DC precision without the need for external calibration. 2. **Rail-to-Rail Input/Output (RRIO):** The device can handle input and output signals that span the full range of the power supply, maximizing the dynamic range in low-voltage systems. 3. **Low Noise and Drift:** It features low input voltage noise (approx. 14 nV/√Hz at 1 kHz) and very low offset voltage drift over temperature, making it ideal for precision instrumentation. 4. **High Input Impedance:** Because it uses CMOS inputs, the bias current is extremely low (pico-ampere range), which is essential when interfacing with high-impedance sensors. --- ### ## Component ID Breakdown The part number **ADA4661-2ARMZ-R7** can be decoded as follows: * **ADA4661-2:** The base model family (Dual channel). * **A:** Performance grade. * **RM:** Denotes the **MSOP** (8-lead) package. * **Z:** RoHS compliant (Lead-free). * **R7:** Packaging format (7-inch Reel, typically containing 1,000 units). --- ### ## Typical Applications * **Current Monitoring:** Used in shunt-based current sensing due to high precision. * **Sensor Interfaces:** Ideal for photodiodes, piezoelectric sensors, and thermistors. * **Medical Instrumentation:** Low power consumption allows for use in portable diagnostic tools. * **Active Filters:** High bandwidth and RRIO make it suitable for signal conditioning. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADA4661-2 and the single-channel ADA4661-1?
    • ⤷ How does DigiTrim technology compare to traditional laser trimming?
    • ⤷ Can this op-amp be used in automotive-grade environments?