データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADA4800ACPZ-R2

  • AI
    ### ADA4800ACPZ-R2 Technical Overview The **ADA4800ACPZ-R2** is a high-speed, voltage buffer amplifier specifically designed with an integrated **active power-down** feature. It is commonly used as a driver for Charge-Coupled Device (CCD) sensors and high-resolution imaging systems. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | High-Speed Buffer / Voltage Follower | | **Bandwidth (-3 dB)** | 400 MHz | | **Slew Rate** | 1600 V/µs | | **Supply Voltage (Single)** | 3.3 V to 5 V | | **Quiescent Current** | 1.6 mA (Active Mode) | | **Package Type** | LFCSP (6-Lead, 2mm x 2mm) | | **Input Bias Current** | 7 µA | --- ### 2. Core Functional Components #### A. High-Speed Output Stage The device features a low-impedance output stage capable of driving large capacitive loads, which is essential for CCD clocking. The **1600 V/µs slew rate** ensures that high-frequency signals are reproduced with minimal distortion. #### B. Active Power-Down Pin A unique feature of the ADA4800 is its power-down (PD) pin. * **Active Mode:** Provides full bandwidth and drive capability. * **Power-Down Mode:** Reduces current consumption significantly when the buffer is not in use, making it ideal for portable or battery-powered imaging devices. #### C. Integrated Resistors The internal design minimizes the need for external components, simplifying the PCB layout for high-density applications. --- ### 3. Application Use Cases 1. **CCD Image Sensors:** Acts as a buffer between the CCD output and the Analog Front End (AFE) to drive the sample-and-hold circuit. 2. **Portable Imaging:** Used in digital cameras and medical imaging probes due to its small footprint and power efficiency. 3. **Video Distribution:** High bandwidth allows for clean video signal transmission without losing high-frequency detail. --- ### 4. Schematic Implementation Example When designing with the ADA4800ACPZ-R2, typical pin connections follow this logic: ```c // Pin Configuration Logic Pin 1: VOUT -> (Connect to ADC Input / Load) Pin 2: VEE -> (Ground for Single Supply) Pin 3: VIN -> (Signal Input from Sensor) Pin 4: PD -> (Logic High = Active; Logic Low = Power Down) Pin 5: NC -> (No Connection) Pin 6: VCC -> (Positive Supply 3.3V - 5V) Exposed Pad -> (Must be soldered to Ground for thermal/electrical stability) ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal considerations for the LFCSP package of the ADA4800?
    • ⤷ How does the settling time of this buffer compare to standard op-amps?
    • ⤷ Can the ADA4800 be used in a dual-supply configuration?