データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADA4897-2ARMZ-R7

  • AI
    ## ADA4897-2ARMZ-R7: Technical Overview The **ADA4897-2ARMZ-R7** is a high-performance, dual-channel, low-noise, rail-to-rail output operational amplifier (op-amp) manufactured by **Analog Devices**. It is designed for applications where signal integrity and low power consumption are critical. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Channels** | Dual (2) | | **Gain Bandwidth Product** | 230 MHz | | **Slew Rate** | 120 V/µs | | **Voltage Noise Density** | 1 nV/√Hz (at 100 kHz) | | **Current Noise Density** | 2.8 pA/√Hz | | **Supply Voltage Range** | 3 V to 10 V (Single or Split) | | **Output Type** | Rail-to-Rail | | **Package Type** | 8-Lead MSOP (ARMZ) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Breakdown of the Part Number Understanding the suffix codes helps in identifying the exact variant: * **ADA4897-2**: The base model number. The "-2" indicates it is a **dual** amplifier. * **ARMZ**: Indicates the package type (**MSOP**) and that it is **RoHS compliant** (Z). * **R7**: Indicates the shipping format, specifically a **7-inch Reel** (typically containing 1,000 units). --- ### 3. Core Features & Functional Advantages * **Ultralow Noise:** With 1 nV/√Hz voltage noise, it is ideal for precision instrumentation and pre-amplification where background noise must be minimized. * **High Speed:** A 230 MHz bandwidth allows for high-frequency signal processing without significant gain loss. * **Power Efficiency:** Despite its high speed, it features a "Power-Down" pin, allowing the device to enter a low-current state (approximately 0.2 mA per amplifier) when not in use. * **Rail-to-Rail Output:** This allows the output signal to swing very close to the supply rails, maximizing dynamic range in low-voltage systems. --- ### 4. Common Applications Due to its high precision and speed, the ADA4897-2 is frequently used in: 1. **ADC Drivers:** Buffering signals for high-resolution Analog-to-Digital Converters. 2. **Transimpedance Amplifiers (TIA):** Converting current from photodiodes into voltage. 3. **Active Filters:** Designing high-order filters with sharp cutoff frequencies. 4. **Low Noise Preamplifiers:** Used in medical imaging (Ultrasound) and professional audio equipment. --- ### 5. Implementation Example (Basic Buffer) To use the ADA4897-2 as a unity-gain buffer, the circuit configuration would look like this in conceptual code: ```text Input Signal (Non-Inverting Pin 3/5) ---> [+] \ |--- Output (Pin 1/7) Feedback Loop (Inverting Pin 2/6) <------- [-] / ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADA4897 and the ADA4896?
    • ⤷ Can you explain the significance of the 1 nV/√Hz noise specification in practical circuits?
    • ⤷ What are the PCB layout considerations for an op-amp with 230 MHz bandwidth?