データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADA4938-2ACPZ-R2

  • AI
    ### Overview of ADA4938-2ACPZ-R2 The **ADA4938-2ACPZ-R2** is a high-performance, ultra-low distortion, dual-channel differential amplifier manufactured by **Analog Devices**. It is specifically designed to drive high-resolution Analog-to-Digital Converters (ADCs) with sampling rates up to 18 bits. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Channels** | Dual (2 Channels) | | **Bandwidth (-3 dB)** | 1.0 GHz (at G = 1) | | **Slew Rate** | 4700 V/µs | | **Settling Time** | 10 ns to 0.1% | | **Input Voltage Noise** | 2.6 nV/√Hz | | **Operating Supply Voltage** | 3.3 V to 5 V | | **Package Type** | LFCSP-24 (4mm x 4mm) | --- ### Core Electronic Characteristics #### 1. Differential Architecture Unlike standard op-amps, the ADA4938-2 is a **Fully Differential Amplifier (FDA)**. This means it has differential inputs and differential outputs. * **Purpose:** It effectively suppresses common-mode noise and reduces even-order harmonics, which is critical for maintaining signal integrity in high-speed systems. #### 2. Internal Feedback & Scaling The device is gain-programmable using external resistors. It includes an internal common-mode feedback loop that allows the user to set the output common-mode voltage independently of the input. This is vital for "level shifting" signals to match the input range of a specific ADC. #### 3. High-Speed Performance With a **1.0 GHz bandwidth** and a massive **4700 V/µs slew rate**, this part can handle rapidly changing signals without introducing significant distortion, making it suitable for RF and IF signal chains. --- ### Typical Application Circuit When integrating this part, it is usually placed between a sensor/signal source and a high-speed ADC. ```c // Conceptual Signal Chain [Input Signal] --> [ADA4938-2 (Differential Amp)] --> [Anti-Aliasing Filter] --> [High-Speed ADC] ``` ### Pin Configuration Categories (LFCSP-24) * **Vocm:** Sets the output common-mode voltage. * **+IN / -IN:** Differential input pins. * **+OUT / -OUT:** Differential output pins. * **+Vs / -Vs:** Power supply pins (supports single or dual supply). * **PD:** Power-down pin for energy saving when the component is idle. --- ### Common Use Cases 1. **ADC Drivers:** Driving 14-bit to 18-bit ADCs (e.g., AD9268 or AD9467). 2. **Single-to-Differential Conversion:** Converting a standard single-ended signal into a balanced differential signal. 3. **IF/Baseband Gain Blocks:** Used in communication receivers. 4. **Data Acquisition:** High-speed instrumentation and medical imaging (Ultrasound/MRI).
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for the LFCSP package to minimize parasitic capacitance?
    • ⤷ How do you calculate the gain resistors for a specific differential gain?
    • ⤷ What is the difference between the ADA4938-2 and the ADA4932 series?