データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADA4950-2YCPZ-R2

  • AI
    ## Overview of ADA4950-2YCPZ-R2 The **ADA4950-2YCPZ-R2** is a high-performance, low-noise, differential amplifier manufactured by Analog Devices. It is specifically designed to drive high-resolution Analog-to-Digital Converters (ADCs) in high-speed applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Differential Amplifier | | **Number of Channels** | 2 (Dual) | | **Bandwidth (-3 dB)** | 750 MHz | | **Slew Rate** | 1550 V/µs | | **Voltage Supply (Single)** | 3V to 11V | | **Voltage Supply (Dual)** | ±1.5V to ±5.5V | | **Output Type** | Differential | | **Package** | LFCSP-24 (4x4 mm) | --- ### 2. Functional Description The ADA4950-2 acts as a bridge between single-ended signals and differential inputs. Its internal architecture is optimized for: * **DC Precision:** Low offset voltage and drift. * **Low Distortion:** Maintaining signal integrity at high frequencies. * **Adjustable Output Common-Mode:** This allows the user to match the output voltage level to the input requirements of the ADC. --- ### 3. Pin Configuration Categories The 24-pin LFCSP package organizes the internal circuitry as follows: 1. **Input Pins:** Accepts both single-ended and differential signals. 2. **Output Pins:** Provides the balanced differential signal. 3. **VOCM Pin:** Sets the output common-mode voltage level. 4. **Power Supply Pins:** Supports flexible rail configurations (V+ and V-). 5. **Exposed Pad:** Used for thermal dissipation and should be soldered to the ground plane. --- ### 4. Typical Applications * **ADC Driving:** Primarily used for 14-bit to 18-bit ADCs. * **Data Acquisition Systems:** High-speed industrial monitoring. * **Signal Conditioning:** Converting single-ended sensor signals to differential for noise immunity. * **Communications:** Baseband signal processing. --- ### 5. Code Example: Gain Calculation To calculate the gain ($G$) of a differential amplifier based on external resistors ($R_f$ for feedback and $R_g$ for gain): ```python # Simple Python snippet to calculate Gain def calculate_gain(rf, rg): gain = rf / rg return gain # Example: 1k Ohm feedback and 200 Ohm gain resistor rf_value = 1000 rg_value = 200 print(f"The theoretical gain is: {calculate_gain(rf_value, rg_value)} V/V") ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using a differential amplifier over a single-ended one for ADCs?
    • ⤷ How do I calculate the power dissipation for the LFCSP-24 package?
    • ⤷ Can the ADA4950-2 be used in a single-supply configuration?