データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADA8282WBCPZ-R7

  • AI
    ## Technical Overview of the ADA8282WBCPZ-R7 The **ADA8282WBCPZ-R7** is a high-performance, specialized integrated circuit (IC) manufactured by **Analog Devices**. It is primarily designed as a **Radar Receive Path AFE (Analog Front End)**, specifically optimized for automotive radar systems. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Type** | 4-Channel Analog Front End (AFE) | | **Application** | Automotive Radar (ADAS) | | **Supply Voltage** | 3.3 V | | **Package** | 32-LFCSP (5mm x 5mm) | | **Gain Range** | 16 dB to 34 dB (6 dB steps) | | **High-Pass Filter** | Integrated (Programmable) | | **Low-Pass Filter** | Integrated (Programmable) | | **Automotive Grade** | AEC-Q100 Qualified | --- ### Internal Functional Blocks The chip consists of several critical electronic components integrated into a single silicon die: 1. **Low Noise Amplifier (LNA):** Boosts weak incoming signals from the radar sensors while adding minimal noise. 2. **Programmable Gain Amplifier (PGA):** Allows the system to adjust the signal strength dynamically to prevent saturation or handle weak returns. 3. **Active Filters:** * **High-Pass Filter (HPF):** Removes low-frequency clutter (like stationary reflections). * **Low-Pass Filter (LPF):** Acts as an anti-aliasing filter before the signal is converted to digital. 4. **ADC Driver:** Conditions the signal to be perfectly matched for high-speed Analog-to-Digital Converters. --- ### Typical Application Circuitry In a standard electronic design, the ADA8282 is placed between the radar receiver (Antenna/Mixer) and the ADC. ```c [ Radar Antenna ] -> [ Mixer ] -> [ ADA8282 (AFE) ] -> [ ADC ] -> [ DSP/Processor ] ^ | [ SPI Control Interface ] ``` ### Notable Features * **Low Power Consumption:** Optimized for multi-channel radar systems where heat dissipation is a concern. * **High Integration:** By combining LNAs and Filters, it significantly reduces the PCB footprint and BOM (Bill of Materials) count. * **AEC-Q100:** This ensures the part can survive the harsh temperature and vibration environments found in vehicles. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature range for the ADA8282WBCPZ-R7?
    • ⤷ How does the SPI interface control the gain and filter settings?
    • ⤷ What are the primary differences between this AFE and a standard operational amplifier?