データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADAR2001ACCZ-R7

  • AI
    ## Overview of the ADAR2001ACCZ-R7 The **ADAR2001ACCZ-R7** is a high-performance, integrated transmitter specifically designed for millimeter-wave (mmWave) imaging applications. It is part of Analog Devices’ portfolio for security sensing, industrial inspection, and medical imaging. --- ### 1. Key Technical Specifications The ADAR2001 functions as a frequency multiplier and distributor, typically operating in the 10 GHz to 40 GHz range. | Feature | Specification | | :--- | :--- | | **Frequency Range** | 10 GHz to 40 GHz | | **Multiplier Factor** | Configurable (x4) | | **Output Channels** | 4 Differential Outputs | | **Power Supply** | 3.3 V and 1.8 V | | **Interface** | 4-wire SPI (Serial Peripheral Interface) | | **Package** | 40-lead LGA (Land Grid Array) | --- ### 2. Core Functional Components The internal architecture of the ADAR2001 is complex, involving several high-frequency stages: * **Frequency Multiplier:** It takes a lower frequency input signal (e.g., 2.5 GHz to 10 GHz) and multiplies it by 4 to reach the 10 GHz – 40 GHz output band. * **Integrated Power Dividers:** The chip splits the multiplied signal into four separate channels, ensuring high phase and amplitude symmetry. * **Output Buffers:** Each of the four outputs includes an integrated buffer to drive external antennas or further stages in the RF chain. * **Integrated Detectors:** Built-in power detectors allow for real-time monitoring of the signal levels across the channels. * **SPI Control:** Digital control logic manages the power-down modes, gain settings, and internal bias adjustments. --- ### 3. Application Use Cases This part is primarily used in **Active Imaging Systems**. Unlike passive systems that rely on natural heat radiation, active systems use the ADAR2001 to illuminate a target with mmWave energy. 1. **Security Scanners:** Body scanners at airports (detecting concealed objects). 2. **Industrial NDT:** Non-destructive testing of materials for cracks or voids. 3. **Medical:** Superficial tissue imaging. 4. **Radar Systems:** High-resolution short-range radar. --- ### 4. Hardware Implementation (Code Example) To interact with the ADAR2001, you must use SPI to write to its internal registers. Below is a conceptual example of how a register write might look in C-style firmware: ```c // Example: Basic SPI Write for ADAR2001 void ADAR2001_WriteRegister(uint16_t regAddress, uint8_t data) { // Standard 24-bit SPI frame: // [R/W bit] [Address bits] [Data bits] uint32_t spiFrame = 0; spiFrame |= (0 << 23); // Write bit = 0 spiFrame |= (regAddress << 8); // Shift address to correct position spiFrame |= data; // Add data byte SPI_Transfer(spiFrame); // Execute transfer via microcontroller } ``` --- ### 5. Board Layout Considerations Due to the high frequency (40 GHz), board design is critical: * **Impedance Matching:** All RF traces must be strictly matched to 50 ohms. * **Thermal Management:** The LGA package requires a solid ground plane with thermal vias to dissipate heat. * **Material Choice:** Standard FR4 is unsuitable; low-loss materials like **Rogers 4350B** or **Megtron 6** are required.
    ✨ Follow-up Questions
    • ⤷What are the specific power consumption ratings for the ADAR2001 in full operation?
    • ⤷ How does the ADAR2001 interface with the ADAR2004 receiver chip?
    • ⤷ What are the pin-out differences between the LGA and alternative packaging for this series?