データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADBMS1818ASWZ-R7

  • AI
    ## Technical Overview: ADBMS1818ASWZ-R7 The **ADBMS1818ASWZ-R7** is a multicell battery stack monitor designed by Analog Devices. It is specifically engineered for high-voltage battery management systems (BMS) in electric vehicles (EVs) and energy storage systems (ESS). --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Cell Monitoring** | Measures up to 18 series-connected battery cells | | **Measurement Accuracy** | Total Measurement Error < 3.0 mV | | **Interface** | isoSPI™ (Isolated Serial Peripheral Interface) | | **Operating Voltage** | 0V to 5V per cell | | **Daisy Chain Support** | Yes, allows stacking of multiple ICs for high-voltage packs | | **Passive Balancing** | Built-in timers and PWM control for discharge | | **Package** | 64-lead LQFP_EP | --- ### 2. Core Functional Components The internal architecture of the ADBMS1818 consists of several critical subsystems: #### A. Data Acquisition (ADC) The device features a high-speed, 16-bit Delta-Sigma ADC. It can measure all 18 cells in the stack in less than **290 microseconds**, allowing for near-simultaneous voltage snapshots, which is crucial for calculating State of Charge (SoC). #### B. Cell Balancing * **Integrated MOSFETs:** Each cell input has dedicated circuitry to control external discharge resistors. * **PWM Control:** Supports Pulse Width Modulation for precise balancing control. * **Safety Timers:** Includes programmable timers to turn off balancing automatically, preventing over-discharge if communication with the MCU is lost. #### C. Isolated Communication (isoSPI) To handle the high common-mode voltages in EV batteries, the chip uses **isoSPI**. This allows for: * High-speed (1Mbps) communication over long distances. * Use of simple twisted-pair cables. * Galvanic isolation to protect the low-voltage controller from high-voltage transients. --- ### 3. Safety and Diagnostic Features The ADBMS1818 is designed with automotive safety in mind (ISO 26262 compliant): * **Open Wire Detection:** Detects if a sensing wire has disconnected from a battery terminal. * **Redundant Reference:** Includes a second internal voltage reference to verify ADC accuracy. * **GPIO Ports:** 9 General Purpose I/O ports that can be used for temperature sensing (via NTC thermistors) or digital control. --- ### 4. Typical Application Circuit ```mermaid graph LR Cells[18-Cell Battery Stack] -->|Voltage Sense| ADBMS1818 ADBMS1818 -->|isoSPI| Transformer[Isolation Transformer] Transformer -->|isoSPI| MasterMCU[BMS Controller] ADBMS1818 -->|External Resistors| Balancing[Cell Balancing Circuit] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADBMS1818 and the LTC6813?
    • ⤷ How does the isoSPI protocol handle electromagnetic interference (EMI)?
    • ⤷ Can the GPIO pins be used for humidity sensing in a battery pack?