データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADCLK905BCPZ-R2

  • AI
    ### ADCLK905BCPZ-R2 Technical Overview The **ADCLK905BCPZ-R2** is a high-performance ultrafast clock/data buffer and driver manufactured by Analog Devices. It is specifically designed for high-speed signal distribution where extremely low jitter and high timing precision are required. --- ### Core Specifications Below are the primary technical parameters for the ADCLK905: | Parameter | Specification | | :--- | :--- | | **Logic Family** | SiGe (Silicon Germanium) / ECL / CML | | **Input Channels** | 1 (Differential) | | **Output Channels** | 1 (Differential) | | **Max Frequency** | Up to 7.5 GHz | | **Propagation Delay** | 95 ps (typical) | | **Random Jitter** | 60 fs (rms) | | **Output Type** | Reduced Swing PECL (RSPECL) | | **Supply Voltage** | 2.5 V to 3.3 V | | **Package** | 16-Lead LFCSP (3mm x 3mm) | --- ### Key Electronic Components & Features #### 1. Input Stage The ADCLK905 features a fully differential input stage. * **Termination:** It includes on-chip 50 $\Omega$ termination resistors. * **Common-Mode Voltage:** The device provides a `VT` pin, allowing users to bias the input center point, making it compatible with various signaling levels like LVDS, CML, and ECL. #### 2. Output Driver The output is a **Reduced Swing PECL (RSPECL)** driver. * It is designed to drive 50 $\Omega$ transmission lines terminated to $V_{CC} - 2V$. * The reduced swing helps in minimizing power consumption and reducing Electromagnetic Interference (EMI) while maintaining high-speed switching capabilities. #### 3. Low Jitter Performance The standout feature is the **60 femtosecond (fs)** additive rms jitter. In electronic terms, this means the component adds negligible "noise" to the timing of the signal, which is critical for: * High-speed Analog-to-Digital Converters (ADCs). * Clock distribution in fiber-optic communications. * High-speed instrumentation. #### 4. Thermal & Physical Design The **BCPZ-R2** suffix indicates: * **BCP:** LFCSP (Lead Frame Chip Scale Package). * **Z:** RoHS compliant (Lead-free). * **R2:** Reel size (usually 250 units). --- ### Typical Pin Configuration The device uses a 16-lead LFCSP, which requires the center thermal pad to be soldered to the PCB ground plane for both electrical stability and heat dissipation. ```text Pin 1-4: Vcc (Power) Pin 5: IN (Positive Input) Pin 6: INB (Negative Input) Pin 7: VT (Input Termination Center-tap) Pin 11: QB (Negative Output) Pin 12: Q (Positive Output) Pin 13-16: Vee (Ground) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific termination requirements for the RSPECL output to ensure signal integrity?
    • ⤷ How does the ADCLK905 compare to the ADCLK944 in terms of output channels?
    • ⤷ Can the ADCLK905 be used for single-ended to differential conversion?