データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADCLK925BCPZ-R7

  • AI
    ## Overview of ADCLK925BCPZ-R7 The **ADCLK925BCPZ-R7** is a high-performance, ultra-fast clock buffer and driver designed by Analog Devices. It belongs to a class of components known as **PECL (Positive Emitter-Coupled Logic) Fanout Buffers**. It is specifically engineered for high-speed signal distribution where low jitter and minimal propagation delay are critical. --- ### Key Technical Specifications | Feature | Specification | |:---|:---| | **Function** | 1:2 Ultra-fast Clock/Data Buffer | | **Logic Family** | ECL / PECL | | **Max Operating Frequency** | Up to 7.5 GHz | | **Propagation Delay** | ~95 ps (typical) | | **Random Jitter** | 60 fs rms (Integrated 12 kHz to 20 MHz) | | **Supply Voltage** | 2.375 V to 3.63 V | | **Package Type** | 16-lead LFCSP (Lead Frame Chip Scale Package) | --- ### Core Electronic Components & Features #### 1. Input Stage The device features a flexible input structure that can interface with a variety of signal types. It supports differential inputs but can also be configured for single-ended operation using the provided reference voltage pin ($V_{REF}$). * **Termination:** Internal 50 $\Omega$ termination resistors are included to simplify PCB layout and ensure signal integrity. * **VT Pin:** Allows for center-tap termination to various voltage levels. #### 2. Output Stage (ECL/PECL) The ADCLK925 provides two identical differential outputs. * **Topology:** Open-emitter outputs. * **Operation:** Requires external termination resistors (typically 50 $\Omega$ to $V_{CC} - 2V$) to establish the proper DC bias and signal swing. * **Speed:** Optimized for sub-100 picosecond transition times, making it suitable for high-speed backplanes. #### 3. Power and Thermal Management * **Package:** The BCPZ suffix denotes the **LFCSP** package, which includes an exposed thermal pad on the bottom. This pad must be soldered to the PCB ground plane to dissipate heat effectively. * **R7 Suffix:** This indicates the packaging format, specifically a **7-inch Tape and Reel** containing 1,500 units. --- ### Typical Application Diagram (Conceptual) ```mermaid graph LR Input[Clock Source] -->|Differential| A[ADCLK925] A -->|Output 1| B[FPGA/ASIC] A -->|Output 2| C[High-Speed ADC] VREF[Vref Pin] -.->|Bias| Input ``` --- ### Common Use Cases 1. **Clock Distribution:** Sending a high-frequency master clock to multiple components (like ADCs or DACs) without adding significant timing noise (jitter). 2. **Level Shifting:** Converting signals between different logic standards. 3. **Signal Buffering:** Restoring signal integrity over long PCB traces or backplanes. ---
    ✨ Follow-up Questions
    • ⤷What are the specific termination requirements for the PECL outputs of the ADCLK925?
    • ⤷ How does the random jitter of 60 fs impact high-speed ADC sampling?
    • ⤷ Can this device be used for single-ended to differential signal conversion?