データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADCLK944BCPZ-R2

  • AI
    ## Overview of the ADCLK944BCPZ-R2 The **ADCLK944BCPZ-R2** is a high-performance, ultra-fast clock fanout buffer designed by Analog Devices. It is specifically engineered for high-speed digital systems that require low jitter and high-speed signal distribution. ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | 1:4 Differential Clock Fanout Buffer | | **Output Logic** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Max Operating Frequency** | 7.0 GHz | | **Propagation Delay** | ~95 ps | | **Random Jitter** | 75 fs (femtoseconds) RMS | | **Operating Voltage** | 2.5 V to 3.3 V | | **Package Type** | 16-lead LFCSP (3mm x 3mm) | --- ### Key Electronic Components & Features #### 1. Input Architecture The device features a flexible input stage that can interface with various differential signal standards (CML, LVDS, LVPECL) or single-ended signals. It includes: * **On-chip terminations:** Built-in 50 $\Omega$ resistors to simplify board design. * **VREF pin:** Used for biasing AC-coupled inputs. #### 2. High-Speed Core The core circuitry is optimized for **extremely low additive jitter**. In high-speed data converters (ADCs/DACs), jitter translates directly into noise, so the 75 fs rating ensures high signal integrity for multi-GHz applications. #### 3. Output Drivers (LVPECL) The chip provides four identical differential LVPECL outputs. These outputs are capable of driving 50 $\Omega$ transmission lines. Because it is a "fanout buffer," it takes one input signal and creates four synchronized copies with minimal skew between them. #### 4. Thermal & Package Design The **BCPZ** suffix indicates the Lead Frame Chip Scale Package (LFCSP). * **Exposed Pad:** The bottom of the chip has a metal pad that must be soldered to the PCB ground plane for both electrical grounding and heat dissipation. --- ### Common Applications * **High-speed ADC/DAC clocking:** Providing clean clock signals to converters. * **Fiber Optic Modules:** Managing signals in SONET/SDH and Ethernet hardware. * **Test and Measurement:** Precision timing in oscilloscopes and signal generators. * **Wireless Infrastructure:** Distribution of local oscillator signals in base stations. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the ADCLK944?
    • ⤷ How do I properly terminate the LVPECL outputs of this device?
    • ⤷ What is the difference between the R2 and R7 suffixes for this part?