データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADCMP565

  • AI
    The **ADCMP565** is an ultra-fast, dual-channel comparator designed by Analog Devices. It is primarily used in high-speed signal processing where extremely low propagation delay and high precision are required. --- ## 1. Key Technical Specifications The ADCMP565 is built using a high-performance SiGe (Silicon Germanium) process, which allows it to achieve speeds that traditional CMOS or Bipolar comparators cannot match. | Feature | Specification | | :--- | :--- | | **Propagation Delay** | 300 ps (typical) | | **Overdrive Dispersion** | < 50 ps | | **Equivalent Input Bandwidth** | 8 GHz | | **Minimum Pulse Width** | 200 ps | | **Output Type** | Differential PECL (Positive Emitter-Coupled Logic) | | **Supply Voltage** | +5.0 V and -5.2 V (Dual Supply) | --- ## 2. Core Electronic Architecture The internal circuitry of the ADCMP565 is optimized for timing accuracy. Below are the critical functional sections: ### A. Input Stage * **Differential Inputs:** It features high-impedance differential inputs capable of handling wide common-mode ranges. * **High Bandwidth:** The input stage is designed to prevent signal rounding, maintaining the integrity of fast-rising edges. ### B. Latch Functionality * The device includes a **Latch Enable (LE)** input. * **Transparent Mode:** When the latch is open, the output follows the input. * **Latched Mode:** The output is "frozen" at its current state regardless of input changes. This is critical for Analog-to-Digital conversion timing. ### C. Output Stage (PECL) * The outputs are **differential PECL**. This standard is used because it provides very fast switching with low noise and reduced electromagnetic interference (EMI). * **Note:** PECL outputs require specific termination (typically 50 Ω to $V_{CC} - 2V$) to function correctly. --- ## 3. Pin Configuration Overview The ADCMP565 usually comes in a 20-lead QSOP or 32-lead LFCSP package. Key pins include: 1. **VCC / VEE:** Positive and Negative power rails. 2. **INA+ / INA-:** Differential inputs for Channel A. 3. **QA / /QA:** Differential PECL outputs for Channel A. 4. **LEA / /LEA:** Latch enable pins for Channel A. 5. **VT:** Input termination voltage pin (on specific packages). --- ## 4. Typical Applications Because of its sub-nanosecond delay, the ADCMP565 is used in specialized fields: * **Automatic Test Equipment (ATE):** Precise timing for testing high-speed chips. * **High-Speed Instrumentation:** Oscilloscopes and logic analyzers. * **Clock and Data Restoration:** Cleaning up jittery or distorted high-speed signals. * **Pulse Spectroscopy:** Detecting very short duration nuclear or optical pulses. --- ## 5. Design Considerations * **Thermal Management:** Due to the high speed and PECL output drivers, the chip consumes significant power (~250-500 mW). Proper heat sinking or PCB thermal vias are necessary. * **Impedance Matching:** All signal traces should be treated as transmission lines with a characteristic impedance (usually 50 Ω) to prevent signal reflections.
    ✨ Follow-up Questions
    • ⤷ What is the power consumption per channel for the ADCMP565?
    • ⤷ How do you properly terminate the PECL outputs for this comparator?
    • ⤷ What are the differences between the ADCMP565 and the ADCMP562?