データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADCMP572BCP-R2

  • AI
    ## ADCMP572BCP-R2: Ultra-Fast Comparator Overview The **ADCMP572BCP-R2** is a high-speed comparator manufactured by Analog Devices. It is designed for applications requiring extremely low propagation delay and high-speed data processing. It is specifically optimized for **CML (Current Mode Logic)** output levels. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the ADCMP572: | Parameter | Specification | | :--- | :--- | | **Propagation Delay** | 150 ps (typical) | | **Overdrive Dispersion** | < 10 ps (for 50 mV to 1 V overdrive) | | **Input Bandwidth** | 8 GHz | | **Output Type** | CML (Differential) | | **Supply Voltage** | 3.3 V | | **Power Consumption** | ~130 mW | | **Package** | 16-lead LFCSP | --- ### 2. Core Features * **Ultra-High Speed:** With a 150 ps propagation delay, it is among the fastest comparators available, suitable for high-frequency signal detection. * **Reduced Jitter:** The device minimizes random and deterministic jitter, which is critical for timing-sensitive applications like clock recovery. * **Flexible Inputs:** The inputs are designed to handle high-speed signals with minimal distortion and offer a wide common-mode range. * **Latching Function:** It includes a high-speed latch enable (LE) pin, allowing the output state to be held fixed based on a clock signal. * **Termination:** It features internal 50 $\Omega$ resistors for input termination, simplifying PCB design for high-frequency signals. --- ### 3. Pin Configuration & Hardware Details The ADCMP572BCP-R2 is housed in a small **3mm x 3mm 16-lead LFCSP** package. Below are the functional blocks of the pins: 1. **VCCI / VCCO:** Separate power pins for the input and output stages to prevent noise coupling. 2. **VTN / VTP:** Input termination pins. 3. **LE / LE_BAR:** Differential latch enable inputs. 4. **Q / Q_BAR:** Differential CML outputs. 5. **HYS:** Hysteresis control pin (allows for adjusting noise immunity). --- ### 4. Typical Applications Because of its speed and CML output, this part is commonly used in: * **Automatic Test Equipment (ATE):** For high-speed timing measurements. * **High-speed Data Communications:** Clock and data recovery (CDR). * **Pulse Spectroscopy:** Detecting very short duration pulses. * **Line Receivers:** For high-speed differential signals. --- ### 5. Application Circuit Example (Simplified) ```python # Conceptual Logic for Latch Mode if Latch_Enable == High: Output = Current_Input_State else: Output = Previous_Latched_State ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between ADCMP572 and ADCMP573?
    • ⤷ How do I calculate the hysteresis value for this comparator?
    • ⤷ What are the PCB layout best practices for 150 ps propagation delay devices?