データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADCMP580BCP-R2

  • AI
    ## Overview of ADCMP580BCP-R2 The **ADCMP580BCP-R2** is an ultra-fast, high-performance voltage comparator developed by Analog Devices. It is specifically designed for high-speed signal processing where minimal propagation delay and precise timing are critical. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Propagation Delay** | 180 ps (typical) | | **Overdrive Dispersion** | 10 ps | | **Input Bandwidth** | 8 GHz | | **Output Logic** | CML (Current Mode Logic) | | **Supply Voltage Range** | 3.3 V to 5 V | | **Package Type** | 16-lead LFCSP | | **Operating Temperature** | -40°C to +125°C | --- ### Core Electronic Features 1. **Current Mode Logic (CML) Output:** The device utilizes CML outputs, which are optimized for driving 50 $\Omega$ transmission lines. This is essential for maintaining signal integrity at gigahertz speeds and minimizing electromagnetic interference (EMI). 2. **Ultra-Low Jitter:** With random jitter of approximately 200 fs (RMS), this component is ideal for clock and data recovery circuits where timing precision is paramount. 3. **Differential Inputs:** The input stage is fully differential, providing high common-mode rejection and allowing for flexible interfacing with various signal levels. 4. **Latching Function:** It includes a high-speed latch enable input, allowing the user to sample the input state at a specific moment and hold that value at the output. --- ### Internal Block Diagram Concept The internal architecture typically follows this flow: * **Input Buffer:** High-impedance differential stage. * **Gain Stage:** High-speed amplifiers to ensure rapid switching. * **Latch Circuitry:** Controlled by the LE/LE pins. * **CML Driver:** The final stage that provides the physical interface to external 50 $\Omega$ loads. --- ### Typical Applications * **Automatic Test Equipment (ATE):** Precise edge detection and timing. * **High-Speed Instrumentation:** Oscilloscopes and logic analyzers. * **Clock and Data Restoration:** Cleaning up high-speed digital signals. * **Threshold Detection:** Identifying fast pulses in physics experiments or LiDAR.
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for a 180ps comparator to avoid signal degradation?
    • ⤷ How does CML logic compare to LVDS in high-speed applications?
    • ⤷ Can the ADCMP580 be used in single-supply mode?