データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADCMP582BCP-R2

  • AI
    ## Overview of the ADCMP582BCP-R2 The **ADCMP582BCP-R2** is an ultra-fast, high-performance voltage comparator developed by Analog Devices. It is specifically designed for high-speed signal processing where low jitter and minimal propagation delay are critical. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Propagation Delay** | 180 ps (typical) | | **Output Logic** | Reduced Swing PECL (RSPECL) | | **Overdrive Dispersion** | 10 ps (typical) | | **Equivalent Input Bandwidth** | 8 GHz | | **Supply Voltage (Positive)** | 2.5 V to 5.25 V | | **Package** | 16-Lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### Core Electronic Characteristics #### 1. Input Stage The ADCMP582 features a fully differential input stage. It can handle a wide common-mode range, but it is optimized for small signal swings. The high input bandwidth (8 GHz) allows it to track extremely fast-moving waveforms without significant distortion. #### 2. Latch Functionality A standout feature of this part is the **latch-enable** input. - **Transparent Mode:** The output tracks the input. - **Latched Mode:** The output remains fixed at the state it was in at the time of the latch clock signal, regardless of further input changes. - This is essential for high-speed data acquisition and timing recovery. #### 3. RSPECL Output The "Reduced Swing PECL" output is designed to interface with high-speed digital logic while consuming less power than standard PECL. It provides a differential output swing of approximately 400 mV, which minimizes switching noise and electromagnetic interference (EMI). #### 4. Thermal and Physical Design The "BCP" suffix indicates a **Lead Frame Chip Scale Package (LFCSP)**. This package includes an exposed thermal pad on the bottom, which must be soldered to the PCB ground plane to manage heat dissipation and provide a stable high-frequency ground reference. --- ### Common Applications * **Automatic Test Equipment (ATE):** Used for precise timing measurements and pin electronics. * **High-Speed Instrumentation:** Oscilloscopes and spectrum analyzers for signal triggering. * **Clock and Data Restoration:** Cleaning up jittery signals in communication links. * **Threshold Detection:** Identifying fast-rising pulses in LiDAR or medical imaging (PET scanners). --- ### Design Considerations * **Decoupling:** High-frequency ceramic capacitors (0.1 µF and 0.01 µF) must be placed as close as possible to the supply pins. * **Termination:** RSPECL outputs require proper 50 $\Omega$ termination to a specific voltage (usually $V_{CC} - 2V$) to prevent signal reflections. * **Layout:** Symmetrical trace lengths for differential inputs/outputs are mandatory to maintain timing integrity.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between RSPECL and standard LVPECL outputs?
    • ⤷ How does the 'Overdrive Dispersion' impact high-speed measurement accuracy?
    • ⤷ Can you provide a typical application circuit diagram for this comparator?