データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADCMP600BRJZ-R2

  • AI
    ## Overview of ADCMP600BRJZ-R2 The **ADCMP600BRJZ-R2** is a high-speed comparator manufactured by Analog Devices. It is part of a family of very fast comparators designed for high-performance signal processing where timing and precision are critical. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Propagation Delay** | 3.5 ns (Typical) | | **Supply Voltage** | 2.5 V to 5.5 V | | **Output Type** | Rail-to-Rail (TTL/CMOS compatible) | | **Input Type** | Rail-to-Rail | | **Package Type** | SOT-23-5 | | **Operating Temperature** | -40°C to +125°C | | **Quiescent Current** | 3 mA (Typical) | --- ### Core Electronic Characteristics 1. **High Speed:** With a propagation delay of only **3.5 nanoseconds**, this component is optimized for applications requiring near-instantaneous switching. 2. **Rail-to-Rail I/O:** Both the input and output can swing to the full range of the power supply. This is crucial for low-voltage systems (like 3.3V or 5V logic) to maintain high signal-to-noise ratios. 3. **Hysteresis:** The ADCMP600 features an internal hysteresis of approximately **2 mV to 3 mV**. This prevents "chatter" or multiple transitions at the output when the input signal is noisy or moves slowly across the threshold. 4. **Shutdown Pin:** Many variants in this series include a shutdown mode to conserve power in portable applications, though the 5-lead SOT-23 focuses on a compact footprint. --- ### Typical Pin Configuration (SOT-23-5) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **$V_{OUT}$** | Comparator Output | | 2 | **$V_{EE}$** | Negative Supply (Ground) | | 3 | **$V_{P}$** | Non-inverting Input | | 4 | **$V_{N}$** | Inverting Input | | 5 | **$V_{CC}$** | Positive Supply | --- ### Common Applications * **Clock and Data Restoration:** Cleaning up jittery digital signals. * **Zero-Crossing Detectors:** Detecting when an AC signal crosses 0V for timing purposes. * **Pulse Width Modulation (PWM):** High-speed generation of PWM signals for motor control or power conversion. * **Threshold Detection:** Monitoring sensor levels and triggering an immediate interrupt. --- ### Circuit Example (Simple Crossing Detector) The following pseudo-code/schematic logic represents how you might use it to detect when a sensor voltage exceeds a reference: ```text Input (Sensor) -> Pin 3 (Vp) Reference (Vref) -> Pin 4 (Vn) Supply (3.3V) -> Pin 5 (Vcc) Ground -> Pin 2 (Vee) Result: If (Vp > Vn) Output = HIGH (3.3V) If (Vp < Vn) Output = LOW (0V) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADCMP600 and the ADCMP601?
    • ⤷ How do I calculate the power dissipation for this comparator at high frequencies?
    • ⤷ Can this part be used in a differential signal path?