データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADE-R

  • AI
    The **ADE-1R** is a high-performance, surface-mount **Frequency Mixer** manufactured by Mini-Circuits. It is widely used in RF (Radio Frequency) design for up-conversion and down-conversion of signals. --- ### 1. Key Technical Specifications The ADE-1R belongs to the Level 7 mixer category, meaning it requires a Local Oscillator (LO) power of approximately +7 dBm. | Parameter | Specification | | :--- | :--- | | **RF Frequency Range** | 0.5 to 500 MHz | | **LO Frequency Range** | 0.5 to 500 MHz | | **IF Frequency Range** | DC to 500 MHz | | **LO Power Level** | +7 dBm (Nominal) | | **Conversion Loss** | 5.0 dB (Typ) | | **LO-RF Isolation** | 55 dB (Typ) | | **LO-IF Isolation** | 40 dB (Typ) | | **Package Type** | CD542 (Surface Mount) | --- ### 2. Internal Components and Architecture The ADE-1R is a **Double-Balanced Mixer (DBM)**. Its internal architecture consists of two primary electronic elements: 1. **Schottky Barrier Diodes:** A matched quad-ring of diodes serves as the switching element. These diodes are chosen for their low forward voltage drop and fast switching speeds, which are essential for high-frequency operation. 2. **Ferrite Core Transformers:** It contains two wideband balun transformers (one at the LO port and one at the RF port). These provide the necessary phase shifts and impedance matching to balance the signals, ensuring high isolation between ports. --- ### 3. Pin Configuration The device usually features a 6-pin layout. Proper grounding is critical for maintaining the rated isolation performance. | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | LO | Local Oscillator Input | | **4** | RF | Radio Frequency Input/Output | | **3** | IF | Intermediate Frequency Output/Input | | **2, 5, 6** | GND | Common Ground | --- ### 4. Common Applications * **HF/VHF Receivers:** Converting high-frequency antenna signals down to a lower intermediate frequency for processing. * **Signal Generators:** Up-converting baseband signals to higher RF frequencies for transmission. * **Instrumentation:** Used in spectrum analyzers and frequency counters. * **Phase Detection:** Because it is a double-balanced mixer, it can be used as a phase detector when both RF and LO inputs are at the same frequency. --- ### 5. Implementation Example When designing a circuit with the ADE-1R, the impedance of the traces should be maintained at **50 Ohms**. ```c // Design Constraints for ADE-1R #define LO_DRIVE_DBM 7.0 // Required LO Power #define IMPEDANCE 50 // System Impedance in Ohms #define MAX_RF_INPUT 50 // Max input current in mA ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Level 7 and Level 10 mixers?
    • ⤷ How do you calculate the 1dB compression point for the ADE-1R?
    • ⤷ Can the ADE-1R be used for frequencies above 500 MHz?