データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADE-R11X+

  • AI
    The **ADE-R11X+** is a high-performance, surface-mount frequency mixer manufactured by **Mini-Circuits**. It is designed for frequency up-conversion and down-conversion in various RF and microwave applications. --- ## 1. Core Technical Specifications The ADE-R11X+ is a **Double Balanced Mixer** known for its wide frequency coverage and low conversion loss. | Feature | Specification | | :--- | :--- | | **RF Frequency Range** | 10 to 3000 MHz | | **LO Frequency Range** | 10 to 3000 MHz | | **IF Frequency Range** | 10 to 1000 MHz | | **LO Power Level** | +7 dBm (Class 1) | | **Conversion Loss** | 7.0 dB (Typical) | | **LO-RF Isolation** | 35 dB (Typical) | | **Package Style** | CD542 (Surface Mount) | --- ## 2. Key Internal Components & Architecture The device is built using a classic double-balanced diode bridge topology. Below are the primary electronic aspects: ### A. Diode Quad The heart of the mixer is a set of four matched Schottky diodes. Because these diodes are precisely matched, the mixer achieves high isolation between ports (LO, RF, and IF), preventing local oscillator leakage into the output signal. ### B. Balun Transformers Inside the tiny CD542 package, there are two wire-bonded ferrite-core transformers: * **LO Balun:** Converts the unbalanced input signal to a balanced signal to drive the diode bridge. * **RF/IF Balun:** Manages the signal flow and ensures impedance matching (typically 50 Ohms). ### C. Construction Materials * **Base:** Ceramic substrate for thermal stability. * **Leads:** Solder-plated for easy integration into PCB assembly. * **Encapsulation:** Aqueous washable, meaning it can withstand standard industrial cleaning processes. --- ## 3. Application Use Cases Due to its broad frequency range (10MHz to 3GHz), this part is commonly used in: * **Cellular Infrastructure:** Signal processing in base stations. * **Defense & Aerospace:** Tactical radio communication systems. * **Test Equipment:** Signal generators and spectrum analyzers. * **UHF/VHF Receivers:** General-purpose frequency conversion. --- ## 4. Pin Configuration (Typical CD542) | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | LO | Local Oscillator Input | | **4** | RF | Radio Frequency Input/Output | | **3** | IF | Intermediate Frequency Output/Input | | **2, 5, 6** | Ground | Common Ground Connections |
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for reducing noise in an ADE-R11X+ circuit?
    • ⤷ How does the +7 dBm LO power level affect the 1dB compression point?
    • ⤷ Can the ADE-R11X+ be used for bi-directional signal conversion?