データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADE-R1LH

  • AI
    The **ADE-R1LH+** is a high-performance, surface-mount frequency mixer designed by **Mini-Circuits**. It is primarily used in radio frequency (RF) applications to translate frequencies (up-conversion or down-conversion). --- ### 1. General Specifications The ADE-R1LH+ is a **Double Balanced Mixer** that utilizes a specialized internal diode and transformer architecture. | Parameter | Specification | | :--- | :--- | | **RF/LO Frequency Range** | 0.5 to 500 MHz | | **IF Frequency Range** | DC to 500 MHz | | **LO Power Level** | Class 10 (+10 dBm) | | **Conversion Loss** | 5.5 dB (Typical) | | **LO-RF Isolation** | 55 dB (Typical) | | **Package Style** | CD542 (Surface Mount) | --- ### 2. Key Internal Components The device is a passive component, meaning it does not require a DC power supply to operate. It consists of: * **Schottky Barrier Diodes:** Arranged in a ring configuration (Quad-bridge) to provide high linearity and low noise. * **Transmission Line Transformers:** Used at the input (RF) and Local Oscillator (LO) ports to provide balanced signals to the diode ring and ensure impedance matching (50 Ohms). --- ### 3. Functional Pinout The ADE-R1LH+ usually features a 6-pin configuration. Proper grounding of the unused pins is critical for high-frequency performance. | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **LO** | Local Oscillator Input | | **4** | **RF** | Radio Frequency Input/Output | | **3** | **IF** | Intermediate Frequency Output/Input | | **2, 5, 6** | **GND** | Ground connections | --- ### 4. Core Features & Advantages * **Low Conversion Loss:** Minimizes signal degradation during the mixing process. * **High Isolation:** The "Double Balanced" design ensures that the LO signal does not leak significantly into the RF or IF ports. * **Wideband Performance:** Covers a broad range of frequencies from 0.5 MHz up to 500 MHz, making it versatile for VHF and UHF applications. * **Rugged Construction:** Built using Mini-Circuits' Top Hat feature, making it suitable for automated pick-and-place assembly. --- ### 5. Common Applications 1. **HF/VHF/UHF Receivers:** Used to down-convert incoming RF signals to a lower IF for processing. 2. **Signal Generators:** Used for frequency modulation and up-conversion. 3. **Instrumentation:** Integrated into spectrum analyzers and laboratory measurement tools. 4. **Cellular & Data Comms:** Bridging different frequency bands in communication stacks.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Level 7 and Level 10 mixer like the ADE-R1LH+?
    • ⤷ How does the 'Double Balanced' architecture improve signal isolation?
    • ⤷ What are the recommended soldering patterns for the CD542 package?