データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADE-R2ASK

  • AI
    The **ADE-R2ASK** is a high-performance, surface-mount (SMT) frequency mixer produced by Mini-Circuits. It is designed for frequency up-conversion or down-conversion applications across a wide range of frequencies. --- ### 1. Key Technical Specifications The device is a **double-balanced mixer**, which ensures high isolation between the different ports. | Parameter | Specification | | :--- | :--- | | **Frequency Range (RF/LO)** | 2 MHz – 1000 MHz | | **Frequency Range (IF)** | DC – 1000 MHz | | **LO Drive Level** | +7 dBm (Standard) | | **Conversion Loss** | 7.0 dB (Typical) | | **LO-RF Isolation** | 45 dB (Typical) | | **LO-IF Isolation** | 35 dB (Typical) | | **Package Type** | CD542 (Surface Mount) | --- ### 2. Functional Components The ADE-R2ASK internal architecture consists of three primary electronic structures: #### A. Schottky Barrier Diodes The core of the mixer is a matched quad-diode ring. These diodes act as the switching element. Their fast switching capability allows for low noise and high-speed operation. #### B. Balun Transformers There are two internal wire-bonded transformers (Baluns) at the Input (RF) and Local Oscillator (LO) ports. * **Purpose:** They convert unbalanced signals (ground-referenced) to balanced signals to drive the diode ring. * **Benefit:** This provides high isolation, preventing the LO signal from "leaking" into the RF or IF outputs. #### C. Ferrite Cores The transformers utilize high-permeability ferrite cores. This allows the component to maintain a small physical footprint while operating effectively at lower frequencies (down to 2 MHz). --- ### 3. Pin Configuration The ADE-R2ASK typically uses a 6-pin layout. | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | LO | Local Oscillator Input | | **2** | GND | Ground | | **3** | RF | Radio Frequency Input/Output | | **4** | IF | Intermediate Frequency Output/Input | | **5** | GND | Ground | | **6** | GND | Ground | --- ### 4. Common Applications * **VHF/UHF Receivers:** Converting high-frequency radio signals down to a lower frequency for processing. * **Signal Generators:** Up-converting baseband signals to higher frequencies for transmission. * **Instrumentation:** Used in spectrum analyzers and RF test equipment.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the +7 dBm LO drive level for this mixer?
    • ⤷ How does the 'double-balanced' design improve signal quality compared to single-balanced mixers?
    • ⤷ Are there specific soldering temperature requirements for the CD542 package?