データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADE-R30W

  • AI
    The **ADE-R30W+** is a high-performance, surface-mount frequency mixer designed by Mini-Circuits. It is widely used in radio frequency (RF) design for frequency up-conversion or down-conversion. --- ### 1. General Specifications The ADE-R30W+ is a **Level 7** double-balanced mixer. This means it requires a Local Oscillator (LO) power of approximately +7 dBm to operate efficiently. | Feature | Specification | | :--- | :--- | | **RF Frequency Range** | 10 to 3000 MHz | | **LO Frequency Range** | 10 to 3000 MHz | | **IF Frequency Range** | DC to 1000 MHz | | **LO Power Level** | +7 dBm (Nominal) | | **Conversion Loss** | 7.0 dB (Typical) | | **IP3 (Input)** | 13 dBm (Typical) | | **Package Style** | CD542 (Surface Mount) | --- ### 2. Internal Components & Architecture The device consists of several critical electronic components integrated into a single miniature housing: 1. **Schottky Barrier Diodes:** The "heart" of the mixer is a matched quad-diode ring. These diodes act as high-speed switches that multiply the input signals to create sum and difference frequencies. 2. **Wideband Transformers (Baluns):** It utilizes two transmission-line transformers (one for the RF port and one for the LO port). These baluns convert unbalanced signals to balanced signals to drive the diode ring, ensuring high isolation between ports. 3. **Ferrite Cores:** The transformers are wound on high-permeability ferrite cores to achieve the wide 10–3000 MHz bandwidth while maintaining low insertion loss. --- ### 3. Pin Configuration The ADE-R30W+ typically uses a 6-pin layout. Proper grounding of unused pins is essential for RF stability. | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **LO** | Local Oscillator Input | | **2** | **GND** | Case Ground | | **3** | **RF** | Radio Frequency Input | | **4** | **IF** | Intermediate Frequency Output/Input | | **5** | **GND** | Case Ground | | **6** | **GND** | Case Ground | --- ### 4. Key Performance Advantages * **Wide Bandwidth:** Unlike many mixers that target a specific narrow band, the ADE-R30W+ covers a massive range (VHF through S-band), making it versatile for wide-sweep receivers. * **Low Profile:** The "ADE" series uses a low-profile case (approx 0.11 inches high), making it suitable for compact PCB designs. * **Good Isolation:** The double-balanced architecture provides excellent isolation (typically 30-40 dB) between the LO-RF and LO-IF ports, reducing the need for external filtering. ---
    ✨ Follow-up Questions
    • ⤷What are the typical applications for the ADE-R30W+ in modern telecommunications?
    • ⤷ How does the 'Level 7' LO power requirement affect the design of the driving oscillator?
    • ⤷ What is the importance of the DC-coupled IF port in this mixer?