データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADG2188BCPZ-R2

  • AI
    ## Overview of ADG2188BCPZ-R2 The **ADG2188BCPZ-R2** is a high-performance CMOS analog crosspoint switch manufactured by Analog Devices. It is designed for routing high-frequency signals and features an $8 \times 8$ switch matrix that can be programmed via an $I^2C$ interface. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Configuration** | 8 x 8 Crosspoint Switch (64 nodes) | | **Interface** | $I^2C$ Compatible (up to 400 kHz) | | **Supply Voltage (Single)** | +5V | | **Supply Voltage (Dual)** | ±2.5V | | **On-Resistance ($R_{ON}$)** | 35 $\Omega$ (typical) | | **Bandwidth (-3 dB)** | 210 MHz | | **Package** | 32-Lead LFCSP (5mm x 5mm) | | **Operating Temperature** | -40°C to +85°C | --- ### Core Functional Features 1. **Non-Blocking Matrix**: Any input can be connected to any output, or even multiple outputs (multicast), without interfering with other established connections. 2. **$I^2C$ Control**: The device includes a serial interface that allows individual control of each switch. It supports "Write" operations to set switch states and "Read" operations to verify the current configuration. 3. **Low Distortion**: With low on-resistance flatness and low capacitance, it is ideal for maintaining signal integrity in communication systems. 4. **Reset/LDS Pins**: * **$\overline{RESET}$**: Clears all switch connections to an open state. * **$\overline{LDS}$ (Load Switch)**: Allows for simultaneous updating of multiple switch settings (double buffering). --- ### Pin Configuration Categories | Pin Group | Description | | :--- | :--- | | **X0 - X7** | Input/Output pins for the matrix rows. | | **Y0 - Y7** | Input/Output pins for the matrix columns. | | **SCL / SDA** | $I^2C$ Clock and Data lines. | | **A0, A1** | Address pins to allow multiple ADG2188 devices on the same bus. | | **$V_{DD} / V_{SS}$** | Positive and Negative power supplies. | --- ### Typical Application Diagram (Conceptual) ```python # Conceptual Logic for setting a switch (X2 to Y5) via I2C import smbus bus = smbus.SMBus(1) DEVICE_ADDRESS = 0x70 # Example address # Data Byte format: [0 | AY2 | AY1 | AY0 | AX2 | AX1 | AX0 | State] # To connect X2 (010) to Y5 (101) with State=1 (ON) data_byte = 0b01010101 bus.write_byte(DEVICE_ADDRESS, data_byte) ``` --- ### Common Applications * **Video Routing**: Switching between multiple camera feeds or displays. * **Automated Test Equipment (ATE)**: Routing signals from a Device Under Test (DUT) to various measurement instruments. * **Communication Systems**: Signal patching and cross-connects in telecommunications. * **Medical Imaging**: Routing signals in ultrasound or MRI subsystems.
    ✨ Follow-up Questions
    • ⤷ What is the power consumption profile of the ADG2188 in idle versus active switching?
    • ⤷ Can the ADG2188 handle rail-to-rail analog signals?
    • ⤷ How do you address multiple ADG2188 chips on a single I2C bus?