データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADG936BCP-R

  • AI
    ## ADG936BCP-R: Comprehensive Overview The **ADG936BCP-R** is a wideband, high-performance Analog Switch manufactured by Analog Devices. It is specifically a **dual SPDT (Single Pole Double Throw)** absorptive switch designed for high-frequency applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Switch Configuration** | Dual SPDT (2x1) | | **Technology** | CMOS (Complementary Metal-Oxide-Semiconductor) | | **Operating Frequency** | DC to 1 GHz (High performance up to 4 GHz) | | **Insertion Loss** | 0.9 dB @ 1 GHz | | **Isolation** | 36 dB @ 1 GHz | | **Supply Voltage** | 1.65 V to 2.75 V | | **Control Logic** | CMOS/LVTTL Compatible | | **Package Type** | 20-lead LFCSP (Lead Frame Chip Scale Package) | --- ### 2. Functional Characteristics #### Absorptive Design Unlike reflective switches, the ADG936 is **absorptive**. This means that when the switch is in the OFF state, the input and output ports are terminated into a 50 $\Omega$ internal load. This minimizes Signal Reflections (VSWR) back to the source, which is critical for maintaining signal integrity in RF circuits. #### Low Power Consumption Built on a submicron CMOS process, the device consumes very little current (typically less than 1 $\mu$A), making it ideal for battery-powered handheld devices. #### High Speed The switch offers extremely fast switching times, typically in the range of **nanoseconds**, allowing for rapid signal routing and modulation. --- ### 3. Pin Configuration and Internal Logic The device is controlled via logic pins (IN1, IN2). Below is the simplified logic mapping for one of the SPDT switches: | Logic Input (IN) | Path State | | :--- | :--- | | Low (0) | RFC to RF2 connected | | High (1) | RFC to RF1 connected | --- ### 4. Common Applications * **Wireless Transceivers:** Switching between transmit (TX) and receive (RX) paths. * **Signal Routing:** High-speed data and clock distribution. * **Test Equipment:** Automated test setups requiring wideband signal paths. * **Base Stations:** Used in cellular infrastructure for signal management. * **Handheld Instruments:** Due to its low power consumption and small footprint. --- ### 5. Design Considerations * **Impedance Matching:** Ensure all PCB traces connected to the RF pins are designed as 50 $\Omega$ transmission lines. * **Decoupling:** Place a 0.1 $\mu$F capacitor close to the $V_{DD}$ pin to filter power supply noise. * **Thermal Pad:** The LFCSP package has an exposed thermal pad that should be soldered to the PCB ground plane for mechanical stability and electrical grounding.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an absorptive and a reflective RF switch?
    • ⤷How does the insertion loss of the ADG936 change as the frequency increases to 4 GHz?
    • ⤷What are the recommended PCB layout practices for high-frequency LFCSP components?