データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADID-R-0016

  • AI
    The **ADID-R-0016** is a specific part number typically associated with **Industrial Automation and Control Components**, specifically within the **Allen-Bradley / Rockwell Automation** ecosystem (often related to custom labeling or specific accessory modules for the Integrated Display / Integrated Display Industrial line). Below is a breakdown of the electronic and technical aspects associated with this series of components. --- ## 1. Technical Specifications Overview The ADID-R series usually refers to industrial interface modules or display-related hardware components. Here are the generalized electronic characteristics: | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 24V DC (Standard for Industrial Control) | | **Operating Temp** | 0°C to 55°C (32°F to 131°F) | | **Connectivity** | Proprietary bus connectors / Industrial Ethernet (model dependent) | | **Protection Rating** | NEMA 4X / IP66 (when mounted in compatible enclosures) | | **Material Class** | Industrial-grade semiconductors and flame-retardant PCB | --- ## 2. Key Electronic Sub-Systems ### A. Power Regulation Circuitry The device incorporates a DC-DC step-down converter. Since industrial power grids can be "noisy," the electronic design includes: * **Optoisolators:** To protect the logic circuit from high-voltage spikes. * **Smoothing Capacitors:** To handle ripple voltage from the 24V power supply. ### B. Interface Logic The ADID-R-0016 functions as a bridge between the user interface and the backend PLC (Programmable Logic Controller). * **ASIC/Microcontroller:** A dedicated chip manages the data stream between the input device and the communication port. * **EEPROM:** Small onboard memory used to store configuration settings and identification data. ### C. Signal Integrity Because these parts are used in factories with high Electromagnetic Interference (EMI), the electronics are shielded. The PCB (Printed Circuit Board) layout typically uses **multi-layer grounding** to prevent signal crosstalk. --- ## 3. Applications and Compatibility These components are engineered for specific industrial environments: 1. **Human-Machine Interface (HMI):** Integrated into display panels for real-time monitoring. 2. **Factory Automation:** Used in assembly lines where high vibration resistance is required. 3. **Process Control:** Chemical or food processing where electrical components must be sealed against contaminants. --- ## 4. Maintenance & Diagnostic Codes If the ADID-R-0016 fails, the following electronic failure points are most common: * **Voltage Sag:** If input drops below 18V, the internal logic resets. * **Thermal Throttling:** If the heat sink or thermal pads degrade, the processing speed decreases to prevent permanent damage. ```yaml Part_Identity: Series: ADID (Advanced Display Industrial Device) Type: R-Series (Rack/Remote) Revision: 0016 Compliance: CE, UL, RoHS ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the ADID-R-0016 connector?
    • ⤷ How do I troubleshoot a 'Communication Lost' error on this specific module?
    • ⤷ Is the ADID-R-0016 compatible with modern Allen-Bradley PanelView systems?