データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADL5331ACPZ-R7

  • AI
    The **ADL5331ACPZ-R7** is a high-performance, voltage-controlled variable gain amplifier (VGA) designed by Analog Devices. It is primarily used in radio frequency (RF) transmit paths to provide precise power control. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the ADL5331: | Feature | Specification | | :--- | :--- | | **Function** | Voltage-Controlled Variable Gain Amplifier (VGA) | | **Frequency Range** | 10 MHz to 1.2 GHz | | **Gain Control Range** | 30 dB | | **Maximum Output Power** | +15 dBm (at 1 dB compression) | | **Supply Voltage** | 4.5 V to 5.5 V | | **Package Type** | 24-lead LFCSP (4mm x 4mm) | | **Output IP3** | +31 dBm at 100 MHz | --- ### 2. Functional Description The ADL5331 operates as a "Linear-in-dB" amplifier. This means that for every linear increase in the control voltage ($V_{GAIN}$), the gain of the amplifier increases by a fixed number of decibels (dB). #### Core Components: * **Variable Attenuator:** The input signal first passes through a high-linearity voltage-controlled attenuator. * **Fixed Gain Amplifier:** The signal is then boosted by a high-linearity output buffer stage. * **Gain Control Interface:** Accepts a differential or single-ended control voltage to adjust the attenuation level. --- ### 3. Application Use Cases This component is commonly found in communication systems where signal strength must be regulated dynamically: 1. **CATV Systems:** Used for upstream power control in cable modems. 2. **Wireless Infrastructure:** Power leveling in cellular base stations (GSM, WCDMA, LTE). 3. **Transmitter Signal Chains:** Acts as a driver for power amplifiers (PAs) to ensure the output signal stays within regulatory limits. 4. **IF/RF Gain Stages:** General-purpose gain control in receivers or transmitters. --- ### 4. Implementation Details When designing a PCB with the ADL5331, consider the following: * **Impedance Matching:** The input and output impedances are typically 50 $\Omega$. Proper microstrip traces are required to minimize reflections. * **Thermal Management:** The exposed pad on the bottom of the LFCSP package must be soldered to a ground plane to dissipate heat and provide a low-inductance electrical return path. * **Decoupling:** Use $0.1 \mu F$ and $100 pF$ capacitors close to the $V_{POS}$ pins to filter out power supply noise.
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using a 'Linear-in-dB' VGA over a standard digital step attenuator?
    • ⤷ Does the ADL5331 require external matching components for 50-ohm systems?
    • ⤷ How does temperature affect the gain stability of this specific part?