AI

## ADL5350ACPZ-R7: High-Linearity LF to 4 GHz RF Mixer
The **ADL5350ACPZ-R7** is a high-performance, single-ended, passive-mix GaAs FET integrated circuit. It is designed to function as a frequency converter (either up-conversion or down-conversion) in cellular base stations and radio receivers.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **RF Frequency Range** | 10 MHz to 4000 MHz (4 GHz) |
| **LO Frequency Range** | 10 MHz to 4000 MHz |
| **IF Frequency Range** | LF to 450 MHz |
| **Conversion Loss** | 6.8 dB (typical @ 1900 MHz) |
| **Input IP3** | 25 dBm |
| **Input P1dB** | 19 dBm |
| **Power Supply** | 3.0 V to 5.0 V |
| **Package** | 8-lead LFCSP (3mm x 3mm) |
---
### 2. Functional Electronic Features
* **Single-Ended Design:** Unlike many mixers that require complex differential signaling, the ADL5350 is single-ended. This simplifies the interface with standard 50 $\Omega$ RF components.
* **Passive Architecture:** It uses a passive GaAs FET core. While this results in a conversion loss (rather than gain), it offers superior linearity and a lower noise figure compared to active mixers.
* **Broadband Performance:** The device maintains consistent performance across a very wide frequency spectrum, making it versatile for various standards (GSM, CDMA, W-CDMA, and LTE).
* **LO Drive Strength:** It is optimized for a low Local Oscillator (LO) drive level (typically 4 dBm), reducing the power requirements of the LO buffer.
---
### 3. Pin Configuration and Integration
In a typical circuit design, the ADL5350 requires minimal external components. Below is a simplified representation of its functional pins:
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **RF** | RF Input/Output | Single-ended port for the high-frequency signal. |
| **LO** | Local Oscillator | Input for the carrier signal used for mixing. |
| **IF** | Intermediate Freq | The resulting output signal after mixing. |
| **VCC** | Power Supply | 3V to 5V DC supply. |
| **COMM** | Ground | Common device ground. |
---
### 4. Typical Applications
* Cellular Base Station Receivers
* ISM Band Receivers (Industrial, Scientific, and Medical)
* Radio Links and Wireless Data Links
* Broadband Down-converters
---
- ⤷
What are the specific advantages of using a passive mixer like the ADL5350 over an active mixer?
- ⤷ How does the conversion loss of the ADL5350 impact the overall noise figure of a receiver chain?
- ⤷ What external matching components are typically required for the RF and LO ports?