データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADL5354ACPZ-R7

  • AI
    The **ADL5354ACPZ-R7** is a high-linearity, dual-channel downconverting mixer designed by Analog Devices. It is primarily used in cellular base stations and radio receiver designs where high dynamic range and integrated features are critical. --- ## 1. Key Technical Specifications The following table summarizes the core electrical characteristics of the ADL5354: | Feature | Specification | | :--- | :--- | | **RF Frequency Range** | 2200 MHz to 2700 MHz | | **LO Frequency Range** | 1700 MHz to 3000 MHz | | **IF Frequency Range** | 30 MHz to 450 MHz | | **Power Gain** | 8.5 dB (Typical) | | **Noise Figure (NF)** | 9.9 dB | | **Input IP3** | 26 dBm | | **Supply Voltage** | 3.3 V to 5.0 V | | **Package** | 36-Lead LFCSP | --- ## 2. Integrated Electronic Components The ADL5354 is more than just a mixer; it is a highly integrated "subsystem" that includes several internal stages to simplify the PCB design: ### A. Dual-Channel Mixers It contains two independent mixing cores. This is essential for **Diversity Receivers** (Main and Diversity paths) commonly found in LTE and WiMAX base stations. ### B. LO (Local Oscillator) Amplifier The part includes an internal LO amplifier. This allows the designer to drive the chip with a low-power LO signal (typically 0 dBm), reducing the need for external high-power drivers. ### C. Integrated RF Balun The RF input ports include integrated baluns. This allows for single-ended 50 $\Omega$ connections directly to the chip, eliminating the need for bulky external magnetic baluns on the board. ### D. IF Amplifiers After the mixing stage, the signal is passed through internal IF amplifiers. These provide the conversion gain (8.5 dB), which helps overcome the noise floor of subsequent stages in the signal chain (like an ADC). --- ## 3. Pin Configuration and Package The suffix **"ACPZ-R7"** denotes the physical format: * **ACPZ:** Lead Frame Chip Scale Package (LFCSP), which offers excellent thermal dissipation through an exposed paddle. * **R7:** Indicates a 7-inch Tape and Reel packaging for automated assembly. --- ## 4. Typical Application Circuit When designing with the ADL5354, the following external components are usually required: 1. **Decoupling Capacitors:** Placed near the $V_{CC}$ pins to filter power supply noise. 2. **IF Chokes:** Inductors are required at the IF output pins to provide DC bias to the internal transistors while allowing the AC signal to pass. 3. **LO Termination:** A simple resistor/capacitor network to match the LO input. --- ## 5. Summary of Use Cases * **Wireless Infrastructure:** Base stations (GSM, CDMA, W-CDMA, LTE). * **Fixed Wireless Access:** Point-to-multipoint radios. * **Military:** Wideband receiver systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADL5354 and the ADL5353 in terms of frequency range?
    • ⤷ How does the integrated LO buffer affect the overall power consumption of the system?
    • ⤷ What are the thermal management requirements for the 36-lead LFCSP package?